Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA110KP Datasheet (PDF) - Texas Instruments

INA110KP Datasheet PDF - Texas Instruments
Part # INA110KP
Download  INA110KP Download
File Size   1156.72 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER

INA110KP Datasheet (PDF)

Go To PDF Page Download Datasheet
INA110KP Datasheet PDF - Texas Instruments

Part # INA110KP
Download  INA110KP Click to download

File Size   1156.72 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER

INA110KP Datasheet (HTML) - Texas Instruments


INA110KP Product details

FEATURES
LOW BIAS CURRENT: 50pA max
FAST SETTLING: 4μs to 0.01%
HIGH CMR: 106dB min; 90dB at 10kHz
INTERNAL GAINS: 1, 10, 100, 200, 500
VERY LOW GAIN DRIFT: 10 to 50ppm/°C
LOW OFFSET DRIFT: 2μV/°C
LOW COST
PINOUT SIMILAR TO AD524 AND AD624

APPLICATIONS
MULTIPLEXED INPUT DATA
ACQUISITION SYSTEM
FAST DIFFERENTIAL PULSE AMPLIFIER
HIGH SPEED GAIN BLOCK
AMPLIFICATION OF HIGH IMPEDANCE
SOURCES

DESCRIPTION
The INA110 is a versatile monolithic FET-input
instrumentation amplifier. Its current-feedback circuit topology
and laser trimmed input stage provide
excellent dynamic performance and accuracy. The INA110
settles in 4μs to 0.01%, making it ideal for high speed or
multiplexed-input data acquisition systems.
Internal gain-set resistors are provided for gains of 1, 10,
100, 200, and 500V/V. Inputs are protected for differential
and common-mode voltages up to ±VCC. Its very high input
impedance and low input bias current make the INA110 ideal
for applications requiring input filters or input protection
circuitry.
The INA110 is available in 16-pin plastic and ceramic DIPs,
and in the SOL-16 surface-mount package. Military, industrial
and commercial temperature range grades are available.




Similar Part No. - INA110KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110KP BURR-BROWN-INA110KP Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA110KP TI1-INA110KP Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KPG4 TI1-INA110KPG4 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA110KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
Fast Settling, JFET Input Operational Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com