Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA260 Datasheet (PDF) - Texas Instruments

INA260 Datasheet PDF - Texas Instruments
Part # INA260
Download  INA260 Download
File Size   1235.14 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt

INA260 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA260 Datasheet PDF - Texas Instruments

Part # INA260
Download  INA260 Click to download

File Size   1235.14 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt

INA260 Datasheet (HTML) - Texas Instruments


INA260 Product details

1 Features
1• Precision Integrated Shunt Resistor:
– Current Sense Resistance: 2 mΩ
– Tolerance Equivalent to 0.1%
– 15-A Continuous From –40°C to +85°C
– 10 ppm/°C Temperature Coefficient
(0°C to +125°C )
• Senses Bus Voltages From 0 V to 36 V
• High-Side or Low-Side Sensing
• Reports Current, Voltage, and Power
• High Accuracy:
– 0.15% System Gain Error (Maximum)
– 5-mA Offset (Maximum)
• Configurable Averaging Options
• 16 Programmable Addresses
• Operates From a 2.7-V to 5.5-V Power Supply
• 16-Pin, TSSOP Package

2 Applications
• Test Equipment
• Servers
• Telecom Equipment
• Computing
• Power Management
• Battery Chargers
• Power Supplies

3 Description
The INA260 is a digital-output, current, power, and
voltage monitor with an I2C and SMBus™-compatible
interface with an integrated precision shunt resistor. It
enables high-accuracy current and power
measurements and over-current detection at
common-mode voltages that can vary from 0 V to 36
V, independent of the supply voltage. The device is a
bidirectional, low- or high-side, current-shunt monitor
that measures current flowing through the internal
current-sensing resistor. The integration of the
precision current-sensing resistor provides
calibration-equivalent measurement accuracy with
ultra-low temperature drift performance and ensures
that an optimized Kelvin layout for the sensing
resistor is always obtained.
The INA260 features up to 16 programmable
addresses on the I2C-compatible interface. The digital
interface allows programmable alert thresholds,
analog-to-digital converter (ADC) conversion times,
and averaging. To facilitate ease of use, an internal
multiplier enables direct readouts of current in
amperes and power in watts.
The device operates from a single 2.7-V to 5.5-V
supply, drawing 310 μA (typical) of supply current.
The INA260 is specified over the operating
temperature range between –40°C and +125°C and
is available in the 16-pin TSSOP package.




Similar Part No. - INA260

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
INA260 TI2-INA260 Datasheet
717Kb / 38P
INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
REVISED DECEMBER 2016
INA260AIPW TI1-INA260AIPW Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
INA260AIPW TI2-INA260AIPW Datasheet
717Kb / 38P
INA260 Precision Digital Current and Power Monitor With Low-Drift, Precision Integrated Shunt
REVISED DECEMBER 2016
INA260AIPWR TI1-INA260AIPWR Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
More results


Similar Description - INA260

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
Precision Digital Power Monitor
October 2, 2015
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA260 TI1-INA260 Datasheet
362Kb / 30P
Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
Precision Digital Power Monitor
logo
Texas Instruments
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com