Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-Q1 Datasheet (PDF) - Texas Instruments

INA333-Q1 Datasheet PDF - Texas Instruments
Part # INA333-Q1
Download  INA333-Q1 Download
File Size   1132.66 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier

INA333-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA333-Q1 Datasheet PDF - Texas Instruments

Part # INA333-Q1
Download  INA333-Q1 Click to download

File Size   1132.66 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier

INA333-Q1 Datasheet (HTML) - Texas Instruments


INA333-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C ≤ TA ≤ +125°C
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Low offset voltage: 25 μV (maximum), G ≥ 100
• Low drift: 0.1 μV/°C, G ≥ 100
• Low noise: 50 nV/√Hz, G ≥ 100
• High CMRR: 96 dB (minimum), G ≥ 10
• Low input bias current: 280 pA (maximum)
• Supply range: 1.8 V to 5.5 V
• Input voltage: (V–) + 0.1 V to (V+) – 0.1 V
• Output range: (V–) + 0.05 V to (V+) – 0.05 V
• Low quiescent current: 50 μA
• Operating temperature: –40°C to +125°C
• RFI filtered inputs
• Package: 8-pin VSSOP

2 Applications
• Powertrain torque sensor
• Powertrain pressure sensor
• Powertrain temperature sensor
• Powertrain knock sensor
• Vehicle occupant detection sensor
• Driver vital sign monitoring
• Control-panel, force-sensor-based switches

3 Description
The INA333-Q1 is a low-power, precision
instrumentation amplifier offering excellent accuracy.
The three-op-amp design, small size, and low power
make this device an excellent choice for automotive
applications that require precise measurements, such
as current leakage detection. This INA333-Q1 is also
a great choice for applications that use resistive
bridge sensors.
A single external resistor sets any gain from 1 to
1000. The INA333-Q1 is designed to use an industrystandard
gain equation: G = 1 + (100 kΩ / RG).
The INA333-Q1 provides very low offset voltage
(25 μV, G ≥ 100), excellent offset voltage drift
(0.1 μV/°C, G ≥ 100), and high common-mode
rejection (96 dB at G ≥ 10). The device operates
with power supplies as low as 1.8 V (±0.9 V), and
quiescent current is only 50 μA. Auto-calibration
techniques maintain excellent precision over the
automotive temperature range. The INA333-Q1
provides a very low peak-to-peak noise of 1 μV.
The INA333-Q1 device is available in an 8-pin
VSSOP package and is specified over the TA = –40°C
to +125°C temperature range.




Similar Part No. - INA333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
INA333-Q1 TI2-INA333-Q1 Datasheet
581Kb / 27P
Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
REVISED OCTOBER 2013
INA333-Q1 TI2-INA333-Q1 Datasheet
935Kb / 35P
INA333 Micro-Power (50μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
REVISED DECEMBER 2015
INA333-Q1 TI2-INA333-Q1 Datasheet
1Mb / 35P
INA333 Micro-Power (50μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
REVISED DECEMBER 2015
More results


Similar Description - INA333-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BNZ AD-AD621BNZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621BRZ AD-AD621BRZ Datasheet
502Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD621 AD-AD621_16 Datasheet
619Kb / 17P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com