Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA193A Datasheet (PDF) - Texas Instruments

INA193A Datasheet PDF - Texas Instruments
Part # INA193A
Download  INA193A Download
File Size   1124.68 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE

INA193A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA193A Datasheet PDF - Texas Instruments

Part # INA193A
Download  INA193A Click to download

File Size   1124.68 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CURRENT SHUNT MONITORS –16-V to 80-V COMMON MODE RANGE

INA193A Datasheet (HTML) - Texas Instruments


INA193A Product details

1FEATURES
• Wide Common-Mode Voltage:
–16 V to 80 V
• Low Error: 3.0% Over Temp (Max)
• Bandwidth: Up to 500 kHz
• Three Transfer Functions Available: 20 V/V,
50 V/V, and 100 V/V
• Complete Current Sense Solution

APPLICATIONS
• Welding Equipment
• Notebook Computers
• Cell Phones
• Telecom Equipment
• Automotive
• Power Management
• Battery Chargers

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability

DESCRIPTION
The INA193A current shunt monitors with voltage output can sense drops across shunts at common-mode
voltages from –16 V to 80 V, independent of the INA19x supply voltage. They are available with three output
voltage scales: 20 V/V, 50 V/V, and 100 V/V. The 500-kHz bandwidth simplifies use in current control loops.
The INA193A operates from a single 2.7-V to 18-V supply, drawing a maximum of 1300-μA of supply current. It
is specified over the extended operating temperature range (–55°C to 125°C), and is offered in a space-saving
SOT23 package.




Similar Part No. - INA193A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-EP TI2-INA193A-EP Datasheet
1Mb / 31P
INA19xA-Q1 Current Shunt Monitors –16-V to 80-V Common-Mode Range
REVISED JANUARY 2021
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI2-INA193A-Q1 Datasheet
1Mb / 31P
INA19xA-Q1 Current Shunt Monitors –16-V to 80-V Common-Mode Range
REVISED JANUARY 2021
More results


Similar Description - INA193A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com