Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1540D Datasheet (PDF) - Texas Instruments

ISO1540D Datasheet PDF - Texas Instruments
Part # ISO1540D
Download  ISO1540D Download
File Size   1234.42 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO154x Low-Power Bidirectional I2C Isolators

ISO1540D Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1540D Datasheet PDF - Texas Instruments

Part # ISO1540D
Download  ISO1540D Click to download

File Size   1234.42 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO154x Low-Power Bidirectional I2C Isolators

ISO1540D Datasheet (HTML) - Texas Instruments


ISO1540D Product details

1 Features
• Isolated bidirectional, I2C compatible,
communication
• Supports up to 1-MHz operation
• 3-V to 5.5-V supply range
• Open-drain outputs With 3.5-mA Side 1 and 35-
mA Side 2 sink current capability
• –40°C to +125°C operating temperature
• ±50-kV/μs transient immunity (Typical)
• HBM ESD protection of 4 kV on all pins;
8 kV on bus pins
• Safety-related certifications:
– 4242-VPK isolation per DIN EN IEC 60747-17
(VDE 0884-17)
– 2500-VRMS isolation for 1 minute per UL 1577
– CSA approval per IEC 62368-1 end equipment
standard
– CQC basic insulation per GB4943.1-2011

2 Applications
• Isolated I2C buses
• SMBus and PMBus interfaces
• Open-drain networks
• Motor control systems
• Battery management
• I2C level shifting

3 Description
The ISO1540 and ISO1541 devices are low-power,
bidirectional isolators that are compatible with I2C
interfaces. These devices have logic input and output
buffers that are separated by Texas Instruments
Capacitive Isolation technology using a silicon dioxide
(SiO2) barrier. When used with isolated power
supplies, these devices block high voltages, isolate
grounds, and prevent noise currents from entering
the local ground and interfering with or damaging
sensitive circuitry.
This isolation technology provides for function,
performance, size, and power consumption
advantages when compared to optocouplers. The
ISO1540 and ISO1541 devices enable a complete
isolated I2C interface to be implemented within a
small form factor.
The ISO1540 has two isolated bidirectional channels
for clock and data lines while the ISO1541 has a
bidirectional data and a unidirectional clock channel.
The ISO1541 is useful in applications that have a
single controller while the ISO1540 is suitable for
multi-controller applications. For applications where
clock stretching by the target is possible, the ISO1540
device should be used.
Isolated bidirectional communication is accomplished
within these devices by offsetting the low-level output
voltage on side 1 to a value greater than the highlevel
input voltage on side 1, thus preventing an
internal logic latch that otherwise would occur with
standard digital isolators.




Similar Part No. - ISO1540D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540D TI1-ISO1540D Datasheet
449Kb / 21P
Low-Power Bidirectional I2C Isolators
ISO1540D TI1-ISO1540D Datasheet
451Kb / 21P
Low-Power Bidirectional I2C Isolators
ISO1540D TI1-ISO1540D Datasheet
1Mb / 31P
Low-Power Bidirectional I2C Isolators
ISO1540D TI1-ISO1540D Datasheet
1Mb / 34P
Low-Power Bidirectional I2C Isolators
ISO1540DR TI1-ISO1540DR Datasheet
449Kb / 21P
Low-Power Bidirectional I2C Isolators
More results


Similar Description - ISO1540D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
Low-Power Bidirectional I2C Isolators
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
ISO164x Robust-EMC Bidirectional I2C Digital Isolators
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com