Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7320CD.B Datasheet (PDF) - Texas Instruments

ISO7320CD.B Datasheet PDF - Texas Instruments
Part # ISO7320CD.B
Download  ISO7320CD.B Download
File Size   1096.95 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators

ISO7320CD.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7320CD.B Datasheet PDF - Texas Instruments

Part # ISO7320CD.B
Download  ISO7320CD.B Click to download

File Size   1096.95 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators

ISO7320CD.B Datasheet (HTML) - Texas Instruments


ISO7320CD.B Product details

1 Features
1• Signaling Rate: 25 Mbps
• Integrated Noise Filter on the Inputs
• Default Output 'High' and 'Low' Options
• Low Power Consumption: Typical ICC per Channel
at 1 Mbps:
– ISO7320: 1.2 mA (5 V Supplies),
0.9 mA (3.3 V Supplies)
– ISO7321: 1.7 mA (5 V Supplies),
1.2 mA (3.3 V Supplies)
• Low Propagation Delay: 33 ns
Typical (5V Supplies)
• 3.3 V and 5 V Level Translation
• Wide Temperature Range: –40°C to 125°C
• 65 KV/μs Transient Immunity,
Typical (5V Supplies)
• Robust Electromagnetic Compatibility (EMC)
– System-level ESD, EFT, and Surge Immunity
– Low Emissions
• Isolation Barrier Life: > 25 Years
• Operates from 3.3 V and 5 V Supplies
• Narrow Body SOIC-8 Package
• Safety and Regulatory Approvals:
– 4242 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
– 3000 VRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 Standards
– CQC Certification per GB4943.1-2011

2 Applications
• Opto-Coupler Replacement in:
– Industrial FieldBus
– ProfiBus
– ModBus
– DeviceNet™ Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
ISO732x provide galvanic isolation up to 3000 VRMS
for 1 minute per UL and 4242 VPK per VDE. These devices have two isolated channels comprised of
logic input and output buffers separated by silicon
dioxide (SiO2) insulation barriers. ISO7320 has both
channels in the same direction while ISO7321 has
the two channels in opposite direction. In case of input power or signal loss, default output is 'low' for
devices with suffix 'F' and 'high' for devices without
suffix 'F'. See Device Functional Modes for further
details. Used in conjunction with isolated power
supplies, these devices prevent noise currents on a
data bus or other circuits from entering the local ground and interfering with or damaging sensitive
circuitry. ISO732x have integrated noise filters for
harsh industrial environment where short noise
pulses may be present at the device input pins.
ISO732x have TTL input thresholds and operate from
3 V to 5.5 V supply levels. Through innovative chip
design and layout techniques, electromagnetic
compatibility of ISO732x have been significantly
enhanced to enable system-level ESD, EFT, Surge
and Emissions compliance.




Similar Part No. - ISO7320CD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320CD TI1-ISO7320CD Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320CDR TI1-ISO7320CDR Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
More results


Similar Description - ISO7320CD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com