Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7520CDW Datasheet (PDF) - Texas Instruments

ISO7520CDW Datasheet PDF - Texas Instruments
Part # ISO7520CDW
Download  ISO7520CDW Download
File Size   1153.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators

ISO7520CDW Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7520CDW Datasheet PDF - Texas Instruments

Part # ISO7520CDW
Download  ISO7520CDW Click to download

File Size   1153.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators

ISO7520CDW Datasheet (HTML) - Texas Instruments


ISO7520CDW Product details

1 Features
1• Highest Signaling Rate: 1 Mbps
• Propagation Delay Less Than 20 ns
• Low-Power Consumption
• Wide Ambient Temperature: –40°C to 105°C
• 50 kV/μs Transient Immunity Typical
• Operates From 3.3-V or 5-V Supply and Logic
Levels
• 3.3-V and 5.0-V Level Translation
• Safety and Regulatory Approvals
– 6000 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
– 4243 VRMS Isolation for 1 Minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1, IEC 61010-1, and IEC 60601-1 End
Equipment Standards
– TUV 5000 V RMS Isolation per EN 60950-1 and
EN 61010-1
– CQC Certification per GB4943.1-2011

2 Applications
• Opto-Coupler Replacement in:
– Industrial Field-Buses
– ProfiBuses
– ModBuses
– DeviceNet™ Data Buses
– Servo Control Interfaces
– Motor Control
– Power Supplies
– Battery Packs

3 Description
The ISO7520C and ISO7521C provide galvanic
isolation of up to 4243 VRMS for 1 minute per UL and 6000 VPK per VDE. These devices are also certified
to 5000 VRMS reinforced insulation per end equipment
standards IEC 60950-1, IEC 61010-1, and IEC
60601-1. These digital isolators have two isolated channels with unidirectional (ISO7520C) and
bidirectional (ISO7521C) channel configurations.
Each isolation channel has a logic input and output
buffer separated by a silicon oxide (SiO2) insulation
barrier. Used in conjunction with isolated power supplies, these devices prevent noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. The devices have TTL input thresholds and
can operate from 3.3- and 5-V supplies. All inputs are
5-V tolerant when supplied from 3.3-V supplies.
NOTE: The ISO7520C and ISO7521C are specified
for signaling rates up to 1 Mbps. Due to their fast
response time, these devices will also transmit faster data with much shorter pulse widths. Designers must
add external filtering to remove spurious signals with
input pulse duration < 20 ns, if desired.




Similar Part No. - ISO7520CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7520CDW TI-ISO7520CDW Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI-ISO7520CDW Datasheet
325Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI1-ISO7520CDW Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520CDW TI1-ISO7520CDW Datasheet
1,017Kb / 25P
Low-Power 5 kVRMS Dual-Channel Digital Isolators
ISO7520CDWR TI-ISO7520CDWR Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
More results


Similar Description - ISO7520CDW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
Dual-Channel Digital Isolators, 5 kV
REV. 0
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7520C TI1-ISO7520C Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7520C TI1-ISO7520C_15 Datasheet
1,017Kb / 25P
Low-Power 5 kVRMS Dual-Channel Digital Isolators
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com