Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF353-N Datasheet (PDF) - Texas Instruments

LF353-N Datasheet PDF - Texas Instruments
Part # LF353-N
Download  LF353-N Download
File Size   1094.86 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier

LF353-N Datasheet (PDF)

Go To PDF Page Download Datasheet
LF353-N Datasheet PDF - Texas Instruments

Part # LF353-N
Download  LF353-N Click to download

File Size   1094.86 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier

LF353-N Datasheet (HTML) - Texas Instruments


LF353-N Product details

1FEATURES
2• Internally Trimmed Offset Voltage: 10 mV
• Low Input Bias Current: 50pA
• Low Input Noise Voltage: 25 nV/√Hz
• Low Input Noise Current: 0.01 pA/√Hz
• Wide Gain Bandwidth: 4 MHz
• High Slew Rate: 13 V/μs
• Low Supply Current: 3.6 mA
• High Input Impedance: 1012Ω
• Low Total Harmonic Distortion : ≤0.02%
• Low 1/f Noise Corner: 50 Hz
• Fast Settling Time to 0.01%: 2 μs

DESCRIPTION
These devices are low cost, high speed, dual JFET
input operational amplifiers with an internally trimmed
input offset voltage (BI-FET II technology). They
require low supply current yet maintain a large gain
bandwidth product and fast slew rate. In addition, well
matched high voltage JFET input devices provide very low input bias and offset currents. The LF353-N
is pin compatible with the standard LM1558 allowing
designers to immediately upgrade the overall
performance of existing LM1558 and LM358 designs.
These amplifiers may be used in applications such as
high speed integrators, fast D/A converters, sample and hold circuits and many other circuits requiring low
input offset voltage, low input bias current, high input
impedance, high slew rate and wide bandwidth. The
devices also exhibit low noise and offset voltage drift.




Similar Part No. - LF353-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
More results


Similar Description - LF353-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com