Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDC1312 Datasheet (PDF) - Texas Instruments

LDC1312 Datasheet PDF - Texas Instruments
Part # LDC1312
Download  LDC1312 Download
File Size   1215.2 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing

LDC1312 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDC1312 Datasheet PDF - Texas Instruments

Part # LDC1312
Download  LDC1312 Click to download

File Size   1215.2 Kbytes
Page   65 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing

LDC1312 Datasheet (HTML) - Texas Instruments


LDC1312 Product details

1 Features
• Easy-to-Use – Minimal Configuration Required
• Up to 4 Channels With Matched Sensor Drive
• Multiple Channels Support Environmental and
Aging Compensation
• Remote Sensor Position of >20 cm Supports
Operation In Harsh Environments
• Pin-Compatible Medium and High-Resolution
Options:
– LDC1312/4: 2/4-ch 12-Bit LDC
– LDC1612/4: 2/4-ch 28-Bit LDC
• Supports Wide Sensor Frequency Range of 1 kHz
to 10 MHz
• Power Consumption:
– 35 μA Low Power Sleep Mode
– 200 nA Shutdown Mode
• 2.7 V to 3.6 V Operation
• Multiple Reference Clocking Options:
– Included Internal Clock For Lower System
Cost
– Support for 40 MHz External Clock For Higher
System performance
• Immunity to DC Magnetic Fields and Magnets

2 Applications
• Knobs in Consumer, Appliances, and Automotive
• Linear and Rotational Encoders
• Buttons in Home Electronics, Wearables,
Manufacturing, and Automotive
• Keypads in Manufacturing and Appliances
• Slider Buttons in Consumer Products
• Metal Detection in Industrial and Automotive
• POS and EPOS
• Flow Meters in Consumer and Appliances

3 Description
The LDC1312 and LDC1314 are 2- and 4-channel,
12-bit inductance to digital converters (LDCs) for
inductive sensing solutions. With multiple channels
and support for remote sensing, the LDC1312 and
LDC1314 enable the performance and reliability
benefits of inductive sensing to be realized at minimal
cost and power. The products are easy to use, only
requiring that the sensor frequency be within 1 kHz
and 10 MHz to begin sensing. The wide 1 kHz to 10
MHz sensor frequency range also enables use of
very small PCB coils, further reducing sensing
solution cost and size.
The LDC1312 and LDC1314 offer well-matched
channels, which allow for differential and ratiometric
measurements. This enables designers to use one
channel to compensate their sensing for
environmental and aging conditions such as
temperature, humidity, and mechanical drift. Given
their ease of use, low power, and low system cost
these products enable designers to greatly improve
on existing sensing solutions and to introduce brand
new sensing capabilities to products in all markets,
especially consumer and industrial applications.
Inductive sensing offers better performance,
reliability, and flexibility than competitive sensing
technologies at lower system cost and power.
The LDC1312 and LDC1314 are easily configured via
an I2C interface. The two-channel LDC1312 is
available in a WSON-12 package and the fourchannel
LDC1314 is available in a WQFN-16
package.




Similar Part No. - LDC1312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 60P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312DNTR TI1-LDC1312DNTR Datasheet
1Mb / 57P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
More results


Similar Description - LDC1312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1312 TI-LDC1312_15 Datasheet
1Mb / 57P
LDC1312, LDC1314 Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI-LDC1612_15 Datasheet
1Mb / 58P
LDC1612, LDC1614 Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
LDC1312 TI1-LDC1312 Datasheet
1Mb / 57P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1312-Q1 TI1-LDC1312-Q1_16 Datasheet
1Mb / 60P
Multi-Channel 12-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC3114 TI-LDC3114_V01 Datasheet
2Mb / 61P
LDC3114 4-Channel Hybrid Inductive Touch and Inductance to Digital Converter
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com