Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2705 Datasheet (PDF) - Texas Instruments

LM2705 Datasheet PDF - Texas Instruments
Part # LM2705
Download  LM2705 Download
File Size   1087.79 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2705 Micropower Step-Up DC-DC Converter With 150-mA Peak Current Limit

LM2705 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2705 Datasheet PDF - Texas Instruments

Part # LM2705
Download  LM2705 Click to download

File Size   1087.79 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2705 Micropower Step-Up DC-DC Converter With 150-mA Peak Current Limit

LM2705 Datasheet (HTML) - Texas Instruments


LM2705 Product details

1 Features
1• 2.2-V to 7-V Input Range
• 150-mA, 0.7-Ω Internal Switch
• Adjustable Output Voltage up to 20 V
• Input Undervoltage Lockout
• 0.01-μA Shutdown Current
• Uses Small Surface-Mount Components
• Small 5-Pin SOT-23 Package

2 Applications
• LCD Bias Supplies
• White-LED Backlighting
• Handheld Devices
• Digital Cameras
• Portable Applications

3 Description
The LM2705 is a micropower step-up DC-DC
converter in a small 5-pin SOT-23 package. A
current-limited, fixed-off-time control scheme
conserves operating current, which results in high
efficiency over a wide range of load conditions. The
21-V switch allows for output voltages as high as
20 V. The low 400-ns off-time permits the use of tiny,
low-profile inductors and capacitors to minimize
footprint and cost in space-conscious portable
applications. The LM2705 is ideal for LCD panels
requiring low current and high efficiency as well as
white-LED applications for cellular phone backlighting.
The LM2705 device can drive up to 3 white
LEDs from a single Li-Ion battery. The low peakinductor
current of the LM2705 makes it ideal for USB
applications.




Similar Part No. - LM2705

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
National Semiconductor ...
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705MF-ADJ NSC-LM2705MF-ADJ Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results


Similar Description - LM2705

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
National Semiconductor ...
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2703MFX-ADJ TI1-LM2703MFX-ADJ Datasheet
1,015Kb / 19P
LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
Micropower DC/DC Converter with Programmable Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com