Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2700Q Datasheet (PDF) - Texas Instruments

LM2700Q Datasheet PDF - Texas Instruments
Part # LM2700Q
Download  LM2700Q Download
File Size   1155.67 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter

LM2700Q Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2700Q Datasheet PDF - Texas Instruments

Part # LM2700Q
Download  LM2700Q Click to download

File Size   1155.67 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter

LM2700Q Datasheet (HTML) - Texas Instruments


LM2700Q Product details

1FEATURES
2• AEC-Q100 Grade 2 Qualified (-40°c to +105°c)
• 3.6A, 0.08Ω, Internal Switch
• Operating Input Voltage Range of 2.2V to 12V
• Input Undervoltage Protection
• Adjustable Output Voltage up to 17.5V
• 600kHz/1.25MHz Pin Selectable Frequency
Operation
• Over Temperature Protection
• Small 14-Lead TSSOP or WSON Package

APPLICATIONS
• LCD Bias Supplies
• Handheld Devices
• Portable Applications
• GSM/CDMA Phones
• Digital Cameras

DESCRIPTION
The LM2700Q is a step-up DC/DC converter with a
3.6A, 80mΩ internal switch and pin selectable
operating frequency. With the ability to produce
500mA at 8V from a single Lithium Ion battery, the
LM2700Q is an ideal part for biasing LCD displays.
The LM2700Q can be operated at switching frequencies of 600kHz and 1.25MHz allowing for
easy filtering and low noise. An external
compensation pin gives the user flexibility in setting
frequency compensation, which makes possible the
use of small, low ESR ceramic capacitors at the output. The LM2700Q features continuous switching
at light loads and operates with a switching quiescent
current of 2.0mA at 600kHz and 3.0mA at 1.25MHz.
The LM2700Q is available in a low profile 14-lead
TSSOP package or a 14-lead WSON package.




Similar Part No. - LM2700Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI1-LM2700Q-Q1 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700QMT-ADJ TI1-LM2700QMT-ADJ Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Similar Description - LM2700Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com