Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2736 Datasheet (PDF) - Texas Instruments

LM2736 Datasheet PDF - Texas Instruments
Part # LM2736
Download  LM2736 Download
File Size   1154.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator

LM2736 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2736 Datasheet PDF - Texas Instruments

Part # LM2736
Download  LM2736 Click to download

File Size   1154.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator

LM2736 Datasheet (HTML) - Texas Instruments


LM2736 Product details

1 Features
1• Thin SOT-6 Package
• 3.0 V to 18 V Input Voltage Range
• 1.25 V to 16 V Output Voltage Range
• 750 mA Output Current
• 550 kHz (LM2736Y) and 1.6 MHz (LM2736X)
Switching Frequencies
• 350 mΩ NMOS Switch
• 30 nA Shutdown Current
• 1.25 V, 2% Internal Voltage Reference
• Internal Soft-Start
• Current-Mode, PWM Operation
• WEBENCH® Online Design Tool
• Thermal Shutdown

2 Applications
• Local Point of Load Regulation
• Core Power in HDDs
• Set-Top Boxes
• Battery Powered Devices
• USB Powered Devices
• DSL Modems
• Notebook Computers

3 Description
The LM2736 regulator is a monolithic, high frequency,
PWM step-down DC/DC converter in a 6-pin Thin SOT package. It provides all the active functions to
provide local DC/DC conversion with fast transient
response and accurate regulation in the smallest
possible PCB area.
With a minimum of external components and online
design support through WEBENCH®, the LM2736 is
easy to use. The ability to drive 750 mA loads with an internal 350 mΩ NMOS switch using state-of-the-art
0.5 μm BiCMOS technology results in the best power
density available. The world class control circuitry
allows for on-times as low as 13 ns, thus supporting exceptionally high frequency conversion over the
entire 3 V to 18 V input operating range down to the
minimum output voltage of 1.25 V. Switching
frequency is internally set to 550 kHz (LM2736Y) or
1.6 MHz (LM2736X), allowing the use of extremely
small surface mount inductors and chip capacitors.
Even though the operating frequencies are very high,
efficiencies up to 90% are easy to achieve. External
shutdown is included, featuring an ultra-low stand-by
current of 30 nA. The LM2736 utilizes current-mode control and internal compensation to provide high-
performance regulation over a wide range of
operating conditions. Additional features include
internal soft-start circuitry to reduce inrush current, pulse-by-pulse current limit, thermal shutdown, and
output over-voltage protection.




Similar Part No. - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Similar Description - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com