Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2750 Datasheet (PDF) - Texas Instruments

LM2750 Datasheet PDF - Texas Instruments
Part # LM2750
Download  LM2750 Download
File Size   1074.68 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2750 Low-Noise Switched-Capacitor Boost Regulator

LM2750 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2750 Datasheet PDF - Texas Instruments

Part # LM2750
Download  LM2750 Click to download

File Size   1074.68 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2750 Low-Noise Switched-Capacitor Boost Regulator

LM2750 Datasheet (HTML) - Texas Instruments


LM2750 Product details

1 Features
1• Wide Input Voltage Range: 2.7 V to 5.6 V
• Inductorless Solution: Application Requires Only
Three Small Ceramic Capacitors
• Fixed 5-V Output and Adjustable Output Voltage
Options Available
• 85% Peak Efficiency
– 70% Average Efficiency Over Li-Ion Input
Range (2.9 V to 4.2 V)
• Output Current up to 120 mA With 2.9 V ≤ VIN ≤
5.6 V
– Output Current up to 40 mA With 2.7 V ≤ VIN ≤
2.9 V
• Fixed 1.7-MHz Switching Frequency for a Low-
Noise, Low-Ripple Output Signal
• Pre-Regulation Minimizes Input Current Ripple,
Keeping the Battery Line
(VIN) Virtually Noise-Free
• Shutdown Supply Current Less Than 2 μA
• Tiny WSON Package With Outstanding Power
Dissipation: Usually No Derating Required

2 Applications
• White and Colored LED-Based Display Lighting
• Cellular Phone SIM Cards
• Audio Amplifier Power Supplies
• General Purpose Li-Ion-to-5-V Conversion
• EPOS Barcode Scanners
• Industrial Handheld Radios

3 Description
The LM2750 is a regulated switched-capacitor
doubler that produces a low-noise output voltage. The
5-V output voltage option (LM2750-5.0) can supply up
to 120 mA of output current over a 2.9-V to 5.6-V
input range, as well as up to 40 mA of output current
when the input voltage is as low as 2.7 V. An
adjustable output voltage option with similar output
current capabilities is also available (LM2750-ADJ).
The LM2750 has been placed in TI's 10-pin WSON, a
package with excellent thermal properties that keeps
the part from overheating under almost all rated
operating conditions.
A perfect fit for space-constrained, battery-powered
applications, the LM2750 requires only three external
components: one input capacitor, one output
capacitor, and one flying capacitor. Small,
inexpensive ceramic capacitors are recommended for
use. In conjunction with the
1.7-MHz fixed switching frequency of the LM2750,
these capacitors yield low output-voltage ripple, which
is beneficial for systems requiring a low-noise supply.
Pre-regulation minimizes input current ripple, thus
reducing input noise to negligible levels.
A tightly controlled soft-start feature limits inrush
currents during part activation. Shutdown completely
disconnects the load from the input. Output current
limiting and thermal shutdown circuitry protect both
the LM2750 and other connected devices in the event
of output shorts or excessive current loads.




Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI-LM2750 Datasheet
1Mb / 24P
LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750-ADJ TI1-LM2750-ADJ Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
More results


Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Linear Technology
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com