Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2734 Datasheet (PDF) - Texas Instruments

LM2734 Datasheet PDF - Texas Instruments
Part # LM2734
Download  LM2734 Download
File Size   1227.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2734-Q1 Thin SOT 1-A Load Step-Down DC/DC Regulator

LM2734 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2734 Datasheet PDF - Texas Instruments

Part # LM2734
Download  LM2734 Click to download

File Size   1227.64 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2734-Q1 Thin SOT 1-A Load Step-Down DC/DC Regulator

LM2734 Datasheet (HTML) - Texas Instruments


LM2734 Product details

1 Features
1• AEC-Q100 Qualified for Automotive Applications:
– Device Temperature Grade 1: -40°C to
+125°C, TA
• Thin SOT-6 Package
• 3-V to 20-V Input Voltage Range
• 0.8-V to 18-V Output Voltage Range
• 1-A Output Current
• 550-kHz (LM2734Y) and 1.6-MHz (LM2734X)
Switching Frequencies
• 300-mΩ NMOS Switch
• 30-nA Shutdown Current
• 0.8-V, 2% Internal Voltage Reference
• Internal Soft Start
• Current-Mode, PWM Operation
• Thermal Shutdown
• Create a Custom Design Using the LM2734-Q1
With WEBENCH® Power Designer

2 Applications
• Automotive
• Local Point-of-Load Regulation
• Advanced Driver Assistance Systems (ADAS)

3 Description
The LM2734-Q1 regulator is a monolithic, highfrequency,
PWM step-down DC/DC converter in a 6-
pin Thin SOT package. The device provides all the
active functions to provide local DC/DC conversion
with fast transient response and accurate regulation
in the smallest possible PCB area.
With a minimum of external components and online
design support through WEBENCH, the LM2734-Q1
regulator is easy to use. The ability to drive 1-A loads
with an internal 300-mΩ NMOS switch using state-ofthe-
art 0.5-μm BiCMOS technology results in the best
power density available. The world-class control
circuitry allows for on-times as low as 13 ns, thus
supporting exceptionally high-frequency conversion
over the entire 3-V to 20-V input operating range
down to the minimum output voltage of 0.8 V.
Switching frequency is internally set to 550 kHz
(LM2734Y) or 1.6 MHz (LM2734X), allowing the use
of extremely small surface-mount inductors and chip
capacitors. Even though the operating frequencies
are very high, efficiencies up to 90% are easy to
achieve. External shutdown is included, featuring an
ultra-low standby current of 30 nA.
The LM2734-Q1 regulator uses current-mode control
and internal compensation to provide highperformance
regulation over a wide range of
operating conditions. Additional features include
internal soft-start circuitry to reduce inrush current,
pulse-by-pulse current limit, thermal shutdown, and
output overvoltage protection.




Similar Part No. - LM2734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI2-LM2734 Datasheet
1Mb / 40P
LM2734 Thin SOT 1-A Load Step-Down DC/DC Regulator
REVISED SEPTEMBER 2018
LM2734-Q1 TI1-LM2734-Q1 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Similar Description - LM2734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com