Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830 Datasheet (PDF) - Texas Instruments

LM2830 Datasheet PDF - Texas Instruments
Part # LM2830
Download  LM2830 Download
File Size   1202.0 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator

LM2830 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2830 Datasheet PDF - Texas Instruments

Part # LM2830
Download  LM2830 Click to download

File Size   1202.0 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator

LM2830 Datasheet (HTML) - Texas Instruments


LM2830 Product details

1 Features
1• LM2830Z-Q1 and LM2830X-Q1 in the SOT-23
Package are Automotive-Grade Products that are
AEC-Q100 Grade 1 Qualified (–40°C to +125°C
Operating Junction Temperature)
• Space-Saving SOT-23 Package
• Input Voltage Range of 3.0 V to 5.5 V
• Output Voltage Range of 0.6 V to 4.5 V
• 1.0-A Output Current
• High Switching Frequencies world–
1.6 MHz (LM2830X)
– 3.0 MHz (LM2830Z)
• 130-mΩ PMOS Switch
• 0.6-V, 2% Internal Voltage Reference
• Internal Soft-Start
• Current Mode, PWM Operation
• Thermal Shutdown
• Overvoltage Protection

2 Applications
• Local 5-V to Vcore Step-Down Converters
• Core Power in HDDs
• Set-Top Boxes
• USB Powered Devices
• DSL Modems
• Automotive

3 Description
The LM2830 regulator is a monolithic, high-
frequency, PWM step-down DC-DC converter in a 5-
pin SOT-23 and a 6-Pin WSON package. The device
provides all the active functions to provide local DC- DC conversion with fast transient response and
accurate regulation in the smallest possible PCB
area. With a minimum of external components, the
LM2830 regulator is easy to use. The ability to drive 1.0-A loads with an internal 130-mΩ PMOS switch
using state-of-the-art 0.5-μm BiCMOS technology
results in the best power density available. The world–
class control circuitry allows on-times as low as 30
ns, thus supporting exceptionally high frequency
conversion over the entire 3-V to 5.5-V input
operating range down to the minimum output voltage
of 0.6 V. Switching frequency is internally set to 1.6
MHz, or 3.0 MHz, allowing the use of extremely small surface-mount inductors and chip capacitors. Even
though the operating frequency is high, efficiencies
up to 93% are easy to achieve. External shutdown is
included, featuring an ultra-low standby current of 30
nA. The LM2830 regulator uses current-mode control
and internal compensation to provide high- performance regulation over a wide range of
operating conditions. Additional features include
internal soft-start circuitry to reduce inrush current,
pulse-by-pulse current limit, thermal shutdown, and output overvoltage protection.




Similar Part No. - LM2830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830 Datasheet
1Mb / 33P
LM2830Z-Q1 and LM2830X-Q1 in the SOT-23 Package are Automotive Grade Products that are AEC-Q100 Grade 1 Qualified (-40째C to 125째C Operating Junction Temperature)
LM2830 TI-LM2830 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2830-Q1 TI-LM2830-Q1 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830X NSC-LM2830X Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
More results


Similar Description - LM2830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com