Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2767M5.B Datasheet (PDF) - Texas Instruments

LM2767M5.B Datasheet PDF - Texas Instruments
Part # LM2767M5.B
Download  LM2767M5.B Download
File Size   1109.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2767 Switched Capacitor Voltage Converter

LM2767M5.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2767M5.B Datasheet PDF - Texas Instruments

Part # LM2767M5.B
Download  LM2767M5.B Click to download

File Size   1109.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2767 Switched Capacitor Voltage Converter

LM2767M5.B Datasheet (HTML) - Texas Instruments


LM2767M5.B Product details

1 Features
• Doubles input supply voltage
• SOT-23 5-pin package
• 20-Ω typical output impedance
• 96% typical conversion efficiency at 15 mA

2 Applications
• Cellular phones
• Pagers
• PDAs, organizers
• Operational amplifier power suppliers
• Interface power suppliers
• Handheld instruments

3 Description
The LM2767 CMOS charge-pump voltage converter
operates as a voltage doubler for an input voltage in
the range of 1.8 V to 5.5 V. Two low-cost capacitors
and a diode are used in this circuit to provide at least
15 mA of output current.
The LM2767 operates at 11-kHz switching frequency
to avoid audio voice-band interference. With an
operating current of only 40 μA (operating efficiency
greater than 90% with most loads), the LM2767
provides ideal performance for battery-powered
systems. The device is manufactured in a 5-pin
SOT-23 package.




Similar Part No. - LM2767M5.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2767M5 NSC-LM2767M5 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2767M5 TI-LM2767M5 Datasheet
947Kb / 16P
LM2767 Switched Capacitor Voltage Converter
LM2767M5 TI-LM2767M5 Datasheet
1,015Kb / 21P
LM2767 Switched Capacitor Voltage Converter
LM2767M5/NOPB TI-LM2767M5/NOPB Datasheet
1,015Kb / 21P
LM2767 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2767M5X NSC-LM2767M5X Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
More results


Similar Description - LM2767M5.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2767M5X TI-LM2767M5X Datasheet
947Kb / 16P
LM2767 Switched Capacitor Voltage Converter
LM2767 TI-LM2767_15 Datasheet
1,015Kb / 21P
LM2767 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com