Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335A Datasheet (PDF) - Texas Instruments

LM335A Datasheet PDF - Texas Instruments
Part # LM335A
Download  LM335A Download
File Size   1121.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx35, LMx35A Precision Temperature Sensors

LM335A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM335A Datasheet PDF - Texas Instruments

Part # LM335A
Download  LM335A Click to download

File Size   1121.63 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx35, LMx35A Precision Temperature Sensors

LM335A Datasheet (HTML) - Texas Instruments


LM335A Product details

1 Features
1• Directly Calibrated to the Kelvin Temperature
Scale
• 1°C Initial Accuracy Available
• Operates from 400 μA to 5 mA
• Less than 1-Ω Dynamic Impedance
• Easily Calibrated
• Wide Operating Temperature Range
• 200°C Overrange
• Low Cost

2 Applications
• Power Supplies
• Battery Management
• HVAC
• Appliances

3 Description
The LM135 series are precision, easily-calibrated,
integrated circuit temperature sensors. Operating as
a 2-terminal zener, the LM135 has a breakdown
voltage directly proportional to absolute temperature
at 10 mV/°K. With less than 1-Ω dynamic impedance,
the device operates over a current range of 400 μA to
5 mA with virtually no change in performance. When calibrated at 25°C, the LM135 has typically less than
1°C error over a 100°C temperature range. Unlike
other sensors, the LM135 has a linear output.
Applications for the LM135 include almost any type of
temperature sensing over a −55°C to 150°C
temperature range. The low impedance and linear
output make interfacing to readout or control circuitry are especially easy.
The LM135 operates over a −55°C to 150°C temperature range while the LM235 operates over a
−40°C to 125°C temperature range. The LM335
operates from −40°C to 100°C. The LMx35 devices
are available packaged in hermetic TO transistor
packages while the LM335 is also available in plastic
TO-92 packages.




Similar Part No. - LM335A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335A NSC-LM335A Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM335A STMICROELECTRONICS-LM335A Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM335A NSC-LM335A Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335A TI-LM335A Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
More results


Similar Description - LM335A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM135 TI-LM135_15 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com