Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3405 Datasheet (PDF) - Texas Instruments

LM3405 Datasheet PDF - Texas Instruments
Part # LM3405
Download  LM3405 Download
File Size   1158.83 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3405 1.6-MHz, 1-A Constant Current Buck Regulator For Powering LEDS

LM3405 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3405 Datasheet PDF - Texas Instruments

Part # LM3405
Download  LM3405 Click to download

File Size   1158.83 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3405 1.6-MHz, 1-A Constant Current Buck Regulator For Powering LEDS

LM3405 Datasheet (HTML) - Texas Instruments


LM3405 Product details

1 Features
1• VIN Operating Range of 3 V to 15 V
• Drives up to 5 High-Brightness LEDs in Series at
1 A
• Thin SOT-6 Package
• 1.6-MHz Switching Frequency
• EN/DIM Input for Enabling and PWM Dimming of
LEDs
• 300-mΩ NMOS Switch
• 40-nA Shutdown Current at VIN = 5 V
• Internally Compensated Current-mode Control
• Cycle-by-Cycle Current Limit
• Input Voltage UVLO
• Overcurrent Protection
• Thermal Shutdown

2 Applications
• LED Drivers
• Constant Current Sources
• Industrial Lighting
• LED Flashlights

3 Description
The LM3405 is a 1-A constant current buck LED
driver designed to provide a simple, high efficiency
solution for driving high power LEDs. With a 0.205-V
reference voltage feedback control to minimize power
dissipation, an external resistor sets the current as
required for driving various types of LEDs. Switching
frequency is internally set to 1.6 MHz, allowing small
surface mount inductors and capacitors to be used.
The LM3405 uses current-mode control and internal
compensation offering ease of use and predictable,
high performance regulation over a wide range of
operating conditions. With a maximum input voltage
of 15 V, the device can drive up to 3 High-Brightness
LEDs in series at 1-A forward current, with the single
LED forward voltage of approximately 3.7 V.
Additional features include user accessible EN/DIM
pin for enabling and PWM dimming of LEDs, thermal
shutdown, cycle-by-cycle current limit and overcurrent
protection.




Similar Part No. - LM3405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
483Kb / 20P
1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
181Kb / 6P
Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3405 TI1-LM3405 Datasheet
1Mb / 29P
Constant Current Buck Regulator
logo
LightKey Optoelectronic...
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
More results


Similar Description - LM3405

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com