Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752 Datasheet (PDF) - Texas Instruments

LM4752 Datasheet PDF - Texas Instruments
Part # LM4752
Download  LM4752 Download
File Size   1151.55 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4752 Stereo 11W Audio Power Amplifier

LM4752 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4752 Datasheet PDF - Texas Instruments

Part # LM4752
Download  LM4752 Click to download

File Size   1151.55 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4752 Stereo 11W Audio Power Amplifier

LM4752 Datasheet (HTML) - Texas Instruments


LM4752 Product details

1FEATURES
2• Drives 4Ω and 8Ω Loads
• Internal Gain Resistors (AV = 34 dB)
• Minimum External Component Requirement
• Single Supply Operation
• Internal Current Limiting
• Internal Thermal Protection
• Compact 7-lead TO-220 Package
• Low Cost-Per-Watt
• Wide Supply Range 9V - 40V

APPLICATIONS
• Compact Stereos
• Stereo TVs
• Mini Component Stereos
• Multimedia Speakers

KEY SPECIFICATIONS
• Output Power at 10% THD+N with 1kHz into 4Ω
VCC = 24V 11 W (typ)
• Output Power at 10% THD+N with 1kHz into 8Ω
VCC = 24V 7 W (typ)
• Closed Loop Gain 34 dB (typ)
• PO at 10% THD+N @ 1 kHz into 4Ω Single-
Ended DDPAK Package VCC = 12V 2.5 W (typ)
• PO at 10% THD+N @ 1kHz into 8Ω Bridged
DDPAK Package VCC = 12V 5 W (typ)

DESCRIPTION
The LM4752 is a stereo audio amplifier capable of
delivering 11W per channel of continuous average
output power to a 4Ω load, or 7W per channel into 8Ω
using a single 24V supply at 10% THD+N.
The LM4752 is specifically designed for single supply
operation and a low external component count. The
gain and bias resistors are integrated on chip,
resulting in a 11W stereo amplifier in a compact 7 pin
TO-220 package. High output power levels at both
20V and 24V supplies and low external component
count offer high value for compact stereo and TV
applications. A simple mute function can be
implemented with the addition of a few external
components.




Similar Part No. - LM4752

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
logo
National Semiconductor ...
LM4752T NSC-LM4752T Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4752TS NSC-LM4752TS Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
More results


Similar Description - LM4752

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S_04 Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
Stereo Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com