Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4755 Datasheet (PDF) - Texas Instruments

LM4755 Datasheet PDF - Texas Instruments
Part # LM4755
Download  LM4755 Download
File Size   1156.09 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4755 Stereo 11W Audio Power Amplifier with Mute

LM4755 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4755 Datasheet PDF - Texas Instruments

Part # LM4755
Download  LM4755 Click to download

File Size   1156.09 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4755 Stereo 11W Audio Power Amplifier with Mute

LM4755 Datasheet (HTML) - Texas Instruments


LM4755 Product details

1FEATURES
2• Drives 4Ω and 8Ω Loads
• Integrated Mute Function
• Internal Gain Resistors
• Minimal External Components Needed
• Single Supply Operation
• Internal Current Limiting and Thermal
Protection
• Compact 9-lead TO-220 Package
• Wide Supply Range 9V - 40V

APPLICATIONS
• Stereos TVs
• Compact Stereos
• Mini Component Stereos

KEY SPECIFICATIONS
• Output Power at 10% THD with 1kHz into 4Ω at
VCC = 24V 11 W (typ)
• Output Power at 10% THD with 1kHz into 8Ω at
VCC = 24V 7 W (typ)
• Closed Loop Gain 34 dB (typ)
• PO at 10% THD+N @ 1kHz into 4Ω Single-
Ended DDPAK Package at VCC=12V 2.5 W (typ)
• PO at 10% THD+N @ 1kHz into 8Ω Bridged
DDPAK Package at VCC=12V 5 W (typ)

DESCRIPTION
The LM4755 is a stereo audio amplifier capable of
delivering 11W per channel of continuous average
output power to a 4Ω load or 7W per channel into 8Ω
using a single 24V supply at 10% THD+N. The
internal mute circuit and pre-set gain resistors provide
for a very economical design solution.
Output power specifications at both 20V and 24V
supplies and low external component count offer high
value to consumer electronic manufacturers for
stereo TV and compact stereo applications. The
LM4755 is specifically designed for single supply
operation.




Similar Part No. - LM4755

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
LM4755 NSC-LM4755 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755T NSC-LM4755T Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
More results


Similar Description - LM4755

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com