Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4871 Datasheet (PDF) - Texas Instruments

LM4871 Datasheet PDF - Texas Instruments
Part # LM4871
Download  LM4871 Download
File Size   1113.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4871 3W Audio Power Amplifier with Shutdown Mode

LM4871 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4871 Datasheet PDF - Texas Instruments

Part # LM4871
Download  LM4871 Click to download

File Size   1113.21 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4871 3W Audio Power Amplifier with Shutdown Mode

LM4871 Datasheet (HTML) - Texas Instruments


LM4871 Product details

1FEATURES
2• No Output Coupling Capacitors, Bootstrap
Capacitors, or Snubber Circuits Required
• Unity-gain Stable
• WSON, VSSOP, SOIC, or PDIP Packaging
• External Gain Configuration Capability
• Pin Compatible with the LM4861

APPLICATIONS
• Portable Computers
• Desktop Computers
• Low Voltage Audio Systems

KEY SPECIFICATIONS
• PO at 10% THD+N, 1kHz
– LM4871LD: 3Ω , 4Ω Loads; 3W (typ),
2.5 W (typ)
– All other LM4871 Packages: 8Ω load
1.5 W (typ)
• Shutdown Current 0.6μA (typ)
• Supply Voltage Range 2.0V to 5.5 V
• THD at 1kHz at 1W Continuous Average
Output Power into 8Ω 0.5% (max)

DESCRIPTION
The LM4871 is a mono bridged audio power amplifier
capable of delivering 3W of continuous average
power into a 3Ω load with less than 10% THD when
powered by a 5V power supply (see Note). To
conserve power in portable applications, the
LM4871's micropower shutdown mode (IQ = 0.6μA,
typ) is activated when VDD is applied to the
SHUTDOWN pin.
Boomer audio power amplifiers are designed
specifically to provide high power, high fidelity audio
output. They require few external components and
operate on low supply voltages from 2.0V to 5.5V.
Since the LM4871 does not require output coupling
capacitors, bootstrap capacitors, or snubber
networks, it is ideally suited for low-power portable systems that require minimum volume and weight.
Additional LM4871 features include thermal shutdown
protection, unity-gain stability, and external gain set.
Note: An LM4871LD that has been properly mounted
to a circuit board will deliver 3W into 3Ω (at 10%
THD). The other package options for the LM4871 will
deliver 1.5W into 8Ω (at 10% THD). See the
Application Information section for further information
concerning the LM4871LD, LM4871MM, LM4871M,
and the LM4871N.




Similar Part No. - LM4871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871 TI1-LM4871 Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
LM4871 ETC-LM4871 Datasheet
1Mb / 15P
Audio Power Amplifier
logo
Texas Instruments
LM4871LD TI1-LM4871LD Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
More results


Similar Description - LM4871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871_03 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com