Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM555 Datasheet (PDF) - Texas Instruments

LM555 Datasheet PDF - Texas Instruments
Part # LM555
Download  LM555 Download
File Size   1159.12 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM555 Timer

LM555 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM555 Datasheet PDF - Texas Instruments

Part # LM555
Download  LM555 Click to download

File Size   1159.12 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM555 Timer

LM555 Datasheet (HTML) - Texas Instruments


LM555 Product details

1 Features
1• Direct Replacement for SE555/NE555
• Timing from Microseconds through Hours
• Operates in Both Astable and Monostable Modes
• Adjustable Duty Cycle
• Output Can Source or Sink 200 mA
• Output and Supply TTL Compatible
• Temperature Stability Better than 0.005% per °C
• Normally On and Normally Off Output
• Available in 8-pin VSSOP Package

2 Applications
• Precision Timing
• Pulse Generation
• Sequential Timing
• Time Delay Generation
• Pulse Width Modulation
• Pulse Position Modulation
• Linear Ramp Generator

3 Description
The LM555 is a highly stable device for generating
accurate time delays or oscillation. Additional terminals are provided for triggering or resetting if
desired. In the time delay mode of operation, the time
is precisely controlled by one external resistor and
capacitor. For a stable operation as an oscillator, the free running frequency and duty cycle are accurately
controlled with two external resistors and one
capacitor. The circuit may be triggered and reset on
falling waveforms, and the output circuit can source
or sink up to 200 mA or drive TTL circuits.




Similar Part No. - LM555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555 Datasheet
150Kb / 14P
Single Timer
logo
Harris Corporation
LM555 HARRIS-LM555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555 Datasheet
282Kb / 13P
Single Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
More results


Similar Description - LM555

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
LM555-MIL TI1-LM555-MIL Datasheet
561Kb / 18P
LM555-MIL Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com