Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM77 Datasheet (PDF) - Texas Instruments

LM77 Datasheet PDF - Texas Instruments
Part # LM77
Download  LM77 Download
File Size   1137.52 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface

LM77 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM77 Datasheet PDF - Texas Instruments

Part # LM77
Download  LM77 Click to download

File Size   1137.52 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface

LM77 Datasheet (HTML) - Texas Instruments


LM77 Product details

1FEATURES
2• Window Comparison Simplifies Design of
ACPI Compatible Temperature Monitoring and
Control.
• Serial Bus Interface
• Separate Open-Drain Outputs for Interrupt and
Critical Temperature Shutdown
• Shutdown Mode to Minimize Power
Consumption
• Up to 4 LM77s Can be Connected to a Single
Bus
• 9-bit + Sign Output; Full-Scale Reading of Over
128°C
• SOIC and VSSOP 8-lead Packages

APPLICATIONS
• System Thermal Management
• Personal Computers
• Office Electronics
• Electronic Test Equipment
• Automotive
• HVAC

KEY SPECIFICATIONS
• Supply Voltage 3.0V to 5.5V
• Supply Current
– Operating
– 250 μA (typ)
– 500 μA (max)
– Shutdown
– 5 μA (typ)
• Temperature Accuracy
– −10°C to 65°C, ±1.5°C(max)
– −25°C to 100°C, ±2°C(max)
– −55°C to 125°C, ±3°C(max)

DESCRIPTION
The LM77 is a digital temperature sensor and thermal
window comparator with an I2 C Serial Bus interface.
The window-comparator architecture of the LM77
eases the design of temperature control systems
conforming to the ACPI (Advanced Configuration and
Power Interface) specification for personal
computers. The open-drain Interrupt (INT) output
becomes active whenever temperature goes outside
a programmable window, while a separate Critical
Temperature Alarm (T_CRIT_A) output becomes
active when the temperature exceeds a
programmable critical limit. The INT output can
operate in either a comparator or event mode, while
the T_CRIT_A output operates in comparator mode
only.
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
Programmable hysterisis as well as a fault queue are
available to minimize false tripping. Two pins (A0, A1)
are available for address selection. The sensor
powers up with default thresholds of 2°C THYST, 10°C
TLOW, 64°C THIGH, and 80°C T_CRIT.
The LM77's 3.0V to 5.5V supply voltage range, Serial
Bus interface, 9-bit + sign output, and full-scale range
of over 128°C make it ideal for a wide range of
applications. These include thermal management and
protection applications in personal computers,
electronic test equipment, office electronics,
automotive, and HVAC applications.




Similar Part No. - LM77

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI1-LM77 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM77 TI1-LM77 Datasheet
1Mb / 24P
9-Bit Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM77000 NSC-LM77000 Datasheet
207Kb / 14P
Power Operational Amplifiers
More results


Similar Description - LM77

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com