Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM50-Q1 Datasheet (PDF) - Texas Instruments

LM50-Q1 Datasheet PDF - Texas Instruments
Part # LM50-Q1
Download  LM50-Q1 Download
File Size   1188.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LM50-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM50-Q1 Datasheet PDF - Texas Instruments

Part # LM50-Q1
Download  LM50-Q1 Click to download

File Size   1188.54 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50 Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LM50-Q1 Datasheet (HTML) - Texas Instruments


LM50-Q1 Product details

1 Features
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50B Temperature Accuracy:
– ±2°C (Max) at 25°C
– ±3°C (Max) over temperature range
• LM50C Temperature Accuracy:
– ±3°C (Max) at 25°C
– ±4°C (Max) over temperature range
• Operating supply range: 4.5V to 10V
• Quiescent Current (Typ): 95μA
• Available in Standard SOT23-3 package
• Nonlinearity: ±0.8°C (Max)
• DC Output Impedance: 2kΩ/4kΩ (typ/Max)
– Enables driving large capacitive loads
• UL Recognized Component

2 Applications
• Mobile phones, PC & notebooks
• Data storage
• Battery Management
• Home and Multifunction printers
• Medical and healthcare Instruments
• HVAC System
• Power Supply Modules

3 Description
The LM50 device is a precision analog temperature
sensor that can measure temperatures from -40°C
to 125°C using a single positive supply. The output
voltage of the device is linearly proportional to
temperature (10mV/°C) and has a DC offset of
500mV at 0°C. The offset allows reading negative
temperatures without the need for a negative supply.
The output voltage of the LM50 ranges from 100mV
(at –40°C) to 1.75V (at 125°C), simplifying analog-todigital
converter (ADC) interfacing.
Unlike NTC thermistors, LM50 does not require any
external calibration, trimming or software linearization
leading to simplifying the circuitry requirements in
a single supply environment. Due to low quiescent
current of LM50 (typically around 95μA), self-heating
is limited to a very low 0.2°C (in still air) and the
device is designed for remote or battery-powered
applications. Trimming and calibration of the LM50 at
the wafer level provide long-term availability, low cost
and consistent accuracy in two grades: LM50B (±2°C
at 25°C, ±3°C over temperature range) and LM50C
(±3°C at 25°C, ±4°C over temperature range).




Similar Part No. - LM50-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI-LM50-Q1 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI-LM50-Q1 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI-LM50-Q1 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Similar Description - LM50-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
International Rectifier
IRLML6244PBF IRF-IRLML6244PBF_15 Datasheet
202Kb / 10P
Industry-standard SOT-23 Package
IRLML6246PBF IRF-IRLML6246PBF_15 Datasheet
214Kb / 10P
Industry-standard SOT-23 Package
IRLML6344PBF IRF-IRLML6344PBF_15 Datasheet
210Kb / 10P
Industry-standard SOT-23 Package
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com