Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4140ACM-1.0/NOPB.B Datasheet (PDF) - Texas Instruments

LM4140ACM-1.0/NOPB.B Datasheet PDF - Texas Instruments
Part # LM4140ACM-1.0/NOPB.B
Download  LM4140ACM-1.0/NOPB.B Download
File Size   1172.31 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4140 High Precision Low Noise Low Dropout Voltage Reference

LM4140ACM-1.0/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4140ACM-1.0/NOPB.B Datasheet PDF - Texas Instruments

Part # LM4140ACM-1.0/NOPB.B
Download  LM4140ACM-1.0/NOPB.B Click to download

File Size   1172.31 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4140 High Precision Low Noise Low Dropout Voltage Reference

LM4140ACM-1.0/NOPB.B Datasheet (HTML) - Texas Instruments


LM4140ACM-1.0/NOPB.B Product details

1 Features
1• High Initial Accuracy: 0.1%
• Ultra-Low Noise
• Low Temperature Coefficient: 3 ppm/°C (A Grade)
• Low Voltage Operation: 1.8V
• Low Dropout Voltage: 20 mV (Typical) at 1mA
• Supply Current: 230 μA (Typical), ≤ 1 μA Disable
Mode
• Enable Pin
• Output Voltage Options: 1.024 V, 1.25 V, 2.048 V,
2.5 V, and 4.096 V
• Custom Voltages From 0.5 V to 4.5 V
• Temperature Range: 0°C to 70°C

2 Applications
• Portable, Battery-Powered Equipment
• Instrumentation and Test Equipment
• Automotive
• Industrial Process Control
• Data Acquisition Systems
• Medical Equipment
• Precision Scales
• Servo Systems
• Battery Charging

3 Description
The LM4140 series of precision references are
designed to combine high accuracy, low drift, and
noise with low power dissipation in a small package.
The LM4140 is the industry's first reference with
output voltage options lower than the bandgap
voltage.
The key to the advance performance of the LM4140
is the use of EEPROM registers and CMOS DACs for
temperature coefficient curvature correction and
trimming of the output voltage accuracy of the device
during the final production testing.
The major advantage of this method is the much
higher resolution available with DACs than is
available economically with most methods used by
other bandgap references.
The low input and dropout voltage, low supply
current, and output drive capability of the LM4140
makes this product an ideal choice for battery
powered and portable applications.
The LM4140 is available in three grades (A, B, C)
with 0.1% initial accuracy and 3, 6, and 10 ppm/°C
temperature coefficients. For even lower temperature
coefficients, contact Texas Instruments.
The device performance is specified over the
temperature range 0°C to 70°C, and is available in
compact 8-pin package.
For other output voltage options from 0.5 V to 4.5 V,
contact Texas Instruments.




Similar Part No. - LM4140ACM-1.0/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4140ACM-1.0/NOPB TI-LM4140ACM-1.0/NOPB Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
More results


Similar Description - LM4140ACM-1.0/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
High Precision Low Noise Low Dropout Voltage
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
High Precision Low Noise Low Dropout Voltage Reference
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com