Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC400007FAC000 Datasheet (PDF) - Vishay Siliconix

PAC400007FAC000 Datasheet PDF - Vishay Siliconix
Part # PAC400007FAC000
Download  PAC400007FAC000 Download
File Size   135.98 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Cemented Leaded Wirewound Precision Resistors

PAC400007FAC000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAC400007FAC000 Datasheet PDF - Vishay Siliconix

Part # PAC400007FAC000
Download  PAC400007FAC000 Click to download

File Size   135.98 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Cemented Leaded Wirewound Precision Resistors

PAC400007FAC000 Datasheet (HTML) - Vishay Siliconix


PAC400007FAC000 Product details

FEATURES
• High power dissipation in small volume
• Ideal for pulse application
• TCR ± 100 ppm/K
• Maximum permissible hot spot temperature is
275 °C
• Lead (Pb)-free
• Tolerance 1 %
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - PAC400007FAC000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC400007FAC000 VISHAY-PAC400007FAC000 Datasheet
133Kb / 8P
Cemented Leaded Wirewound Precision Resistors
14-Mar-17
More results


Similar Description - PAC400007FAC000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC500001008FAC000 VISHAY-PAC500001008FAC000 Datasheet
141Kb / 8P
Cemented Wirewound Precision Resistors
06-Oct-11
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
PAC VISHAY-PAC Datasheet
123Kb / 8P
Cemented Wirewound Precision Resistors
06-Nov-14
AC-AT VISHAY-AC-AT Datasheet
204Kb / 12P
Cemented Leaded Wirewound Resistors
14-Mar-17
Z300-C00 VISHAY-Z300-C00 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
Z300 VISHAY-Z300 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
AC-AT VISHAY-AC-AT_V01 Datasheet
251Kb / 12P
Cemented Leaded Wirewound Resistors
07-Dec-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com