Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTFC6-15 Datasheet (PDF) - Multicomp Pro

CTFC6-15 Datasheet PDF - Multicomp Pro
Part # CTFC6-15
Download  CTFC6-15 Download
File Size   304.28 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transformers Chassis Mounting

CTFC6-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTFC6-15 Datasheet PDF - Multicomp Pro

Part # CTFC6-15
Download  CTFC6-15 Click to download

File Size   304.28 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Transformers Chassis Mounting

CTFC6-15 Datasheet (HTML) - Multicomp Pro


CTFC6-15 Product details

Features
• Single 115V primary winding
• Double section imperial bobbin
• 6 to 200VA power, 50/60Hz
• Temperature class B (130°C)
• Dielectric strength 3,750Vrms
• Manufactured and tested in accordance with EN60950 and EN61558




Similar Part No. - CTFC6-15

ManufacturerPart #DatasheetDescription
logo
Pro-Power
CTFC-12/4-0-STK PROPOWER-CTFC-12/4-0-STK Datasheet
200Kb / 2P
CTFC Series Heat Shrink Tubing
V1.0 24/05/13
CTFC-18/6-0-STK PROPOWER-CTFC-18/6-0-STK Datasheet
200Kb / 2P
CTFC Series Heat Shrink Tubing
V1.0 24/05/13
CTFC-24/8-0-STK PROPOWER-CTFC-24/8-0-STK Datasheet
200Kb / 2P
CTFC Series Heat Shrink Tubing
V1.0 24/05/13
CTFC-3 PROPOWER-CTFC-3 Datasheet
200Kb / 2P
CTFC Series Heat Shrink Tubing
V1.0 24/05/13
CTFC-3/1-0-STK PROPOWER-CTFC-3/1-0-STK Datasheet
200Kb / 2P
CTFC Series Heat Shrink Tubing
V1.0 24/05/13
More results


Similar Description - CTFC6-15

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57045K0102K000 EPCOS-B57045K0102K000 Datasheet
54Kb / 3P
Temperature compensation (chassis mounting)
logo
List of Unclassifed Man...
MCF-B1805F ETC2-MCF-B1805F Datasheet
206Kb / 4P
Chassis Mounting Transformers
logo
Bud Industries, Inc.
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
logo
Schurter Inc.
ISNA-0235-D103 SCHURTER-ISNA-0235-D103 Datasheet
497Kb / 3P
Pulse transformers for SMD mounting
ITNA-0235-D103 SCHURTER-ITNA-0235-D103 Datasheet
469Kb / 2P
Pulse transformers for THT mounting
logo
List of Unclassifed Man...
CTFCS20-24 ETC2-CTFCS20-24 Datasheet
218Kb / 3P
Transformers Chassis Mount
L21402L ETC2-L21402L Datasheet
71Kb / 1P
Chassis mounting filter
ITRF-0239-D502 ETC2-ITRF-0239-D502 Datasheet
265Kb / 3P
Pulse transformers for THT mounting
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
Pulse transformers for THT mounting
04.01.2022
ISRA-0235-D103 SCHURTER-ISRA-0235-D103 Datasheet
271Kb / 3P
Pulse transformers for SMD mounting
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com