Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27966 Datasheet (PDF) - Texas Instruments

LM27966 Datasheet PDF - Texas Instruments
Part # LM27966
Download  LM27966 Download
File Size   1226.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27966 White LED Driver with I2C Compatible Interface

LM27966 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27966 Datasheet PDF - Texas Instruments

Part # LM27966
Download  LM27966 Click to download

File Size   1226.68 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27966 White LED Driver with I2C Compatible Interface

LM27966 Datasheet (HTML) - Texas Instruments


LM27966 Product details

1FEATURES
2• 91% Peak LED Drive Efficiency
• No Inductor Required
• 0.3% Current Matching
• Drives 6 LEDs with up to 30mA per LED
• 180mA of total driver current
• I2C Compatible Brightness Control Interface
• Adaptive 1×- 3/2× Charge Pump
• Resistor-Programmable Current Settings
• External Chip RESET Pin (RESET)
• Extended Li-Ion Input: 2.7V to 5.5V
• Small low profile industry standard leadless
package, WQFN 24 : (4mm x 4mm x 0.8mm)

APPLICATIONS
• Mobile Phone Display Lighting
• PDAs Backlighting
• General LED Lighting

DESCRIPTION
The LM27966 is a highly integrated charge-pump-
based display LED driver. The device can drive up to
6 LEDs in parallel with a total output current of
180mA. Regulated internal current sources deliver
excellent current and brightness matching in all LEDs.
The LED driver current sources are split into two
independently controlled groups. The primary group,
which can be configured with 4 or 5 LEDs, can be
used to backlight the main phone display. An
additional, independently controlled led driver is
provided for driving an indicator or other general
purpose LED function. The LM27966 has an I2C compatible interface that allows the user to
independently control the brightness on each bank of
LEDs.
The device provides excellent efficiency without the use of an inductor by operating the charge pump in a
gain of 3/2, or in Pass-Mode. The proper gain for
maintaining current regulation is chosen, based on
LED forward voltage, so that efficiency is maximized
over the input voltage range.
The LM27966 is available in a small 24-pin Leadless
Leadframe WQFN-24 package.




Similar Part No. - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966SQ NSC-LM27966SQ Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966SQ/NOPB TI1-LM27966SQ/NOPB Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966SQX NSC-LM27966SQX Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
More results


Similar Description - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
White LED Driver System with I2C Compatible Brightness Control
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com