Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM36922YFFR Datasheet (PDF) - Texas Instruments

LM36922YFFR Datasheet PDF - Texas Instruments
Part # LM36922YFFR
Download  LM36922YFFR Download
File Size   1178.16 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM36922 Highly Efficient Dual-String White LED Driver

LM36922YFFR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM36922YFFR Datasheet PDF - Texas Instruments

Part # LM36922YFFR
Download  LM36922YFFR Click to download

File Size   1178.16 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM36922 Highly Efficient Dual-String White LED Driver

LM36922YFFR Datasheet (HTML) - Texas Instruments


LM36922YFFR Product details

1 Features
1• 1% Matched Current Sinks Across (Process,
Voltage, Temp)
• 3% Current Sink Accuracy Across (Process,
Voltage, Temp)
• 11-Bit Dimming Resolution
• Up to 91.6% Solution Efficiency
• Drives from One to Two Parallel LED Strings at up
to 28 V
• PWM Dimming Input
• I2C Programmable
• Selectable 500-kHz and 1-MHz Switching
Frequency with Optional –12% shift
• Auto Switch Frequency Mode (250 kHz, 500 kHz,
1 MHz)
• Four Configurable Overvoltage Protection
Thresholds (17 V, 21 V, 25 V, 29 V)
• Four Configurable Overcurrent Protection
Thresholds (750 mA, 1000 mA, 1250 mA, 1500
mA)
• Thermal Shutdown Protection

2 Applications
Power Source for Smart Phone and Tablet
Backlighting

3 Description
The LM36922 is an ultra-compact, highly efficient,
two string white-LED driver designed for LCD display
backlighting. The device can power up to 8 series
LEDs at up to 25 mA per string. An adaptive current
regulation method allows for different LED voltages in
each string while maintaining current regulation.
The LED current is adjusted via an I2C interface or
through a logic level PWM input. The PWM duty cycle
is internally sensed and mapped to an 11-bit current
thus allowing for a wide range of PWM frequencies and noise-free operation.
The device operates over the 2.5-V to 5.5-V input
voltage range and -40°C to 85°C temperature range.




Similar Part No. - LM36922YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
Highly Efficient Dual-String White LED Driver
More results


Similar Description - LM36922YFFR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
Multi-String Boost White LED Driver
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
Highly Efficient Dual-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
Highly Efficient Triple-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com