Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310SD/NOPB Datasheet (PDF) - Texas Instruments

LM48310SD/NOPB Datasheet PDF - Texas Instruments
Part # LM48310SD/NOPB
Download  LM48310SD/NOPB Download
File Size   1148.4 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S

LM48310SD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48310SD/NOPB Datasheet PDF - Texas Instruments

Part # LM48310SD/NOPB
Download  LM48310SD/NOPB Click to download

File Size   1148.4 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S

LM48310SD/NOPB Datasheet (HTML) - Texas Instruments


LM48310SD/NOPB Product details

1FEATURES
2• Passes FCC Class B Radiated Emissions with
20 inches of cable
• E2S System Reduces EMI while Preserving
Audio Quality and Efficiency
• Output Short Circuit Protection with Auto-
Recovery
• Stereo Class D Operation
• No Output Filter Required
• Internally Configured Gain (12dB)
• Synchronizable Oscillator for Multi-Channel
Operation
• Low Power Shutdown Mode
• Minimum External Components
• "Click and Pop" Suppression
• Micro-Power Shutdown
• Available in Space-Saving WSON Package

APPLICATIONS
• Mobile Phones
• PDAs
• Laptops

KEY SPECIFICATIONS
• Efficiency at 3.6V, 400mW into 8Ω 85% (typ)
• Efficiency at 5V, 1W into 8Ω 88% (typ)
• Quiescent Power Supply Current at 5V 3.2mA
• Power Output at VDD = 5V, RL = 4Ω, THD+N ≤
10% 2.6W (typ)
• Power Output at VDD = 5V, RL = 8Ω, THD+N ≤
10% 1.6W (typ)
• Shutdown current0.01μA (typ)

DESCRIPTION
The LM48310 is a single supply, high efficiency,
mono, 2.6W, filterless switching audio amplifier. The
LM48310 features TI’s Enhanced Emissions
Suppression (E2S) system, that features a unique
patent-pending ultra low EMI, spread spectrum, PWM
architecture, that significantly reduces RF emissions
while preserving audio quality and efficiency. The E2S
system improves battery life, reduces external
component count, board area consumption, system
cost, and simplifying design.
The LM48310 is designed to meet the demands of
portable multimedia devices. Operating from a single
5V supply, the device is capable of delivering 2.6W of
continuous output power to a 4Ω load with less than
10% THD+N. Flexible power supply requirements
allow operation from 2.4V to 5.5V. The LM48310
offers two logic selectable modulation schemes, fixed
frequency mode, and an EMI suppressing spread
spectrum mode. The E2S system includes an advanced, patent-pending edge rate control (ERC)
architecture that further reduce emissions by
minimizing the high frequency component of the
device output, while maintaining high quality audio
reproduction (THD+N = 0.03%) and high efficiency (η
= 88%). The LM48310 also features a SYNC_IN input
and SYNC_OUT, which allows multiple devices to
operate with the same switching frequency,
eliminating beat frequencies and any other
interference caused by clock intermodulation.
The LM48310 features high efficiency compared to
conventional Class AB amplifiers, and other low EMI Class D amplifiers. When driving and 8Ω speaker
from a 5V supply, the device operates with 88%
efficiency at PO = 1W. The gain of the LM48310 is
internally set to 12dB, further reducing external
component count. A low power shutdown mode
reduces supply current consumption to 0.01μA.
Advanced output short circuit protection with autorecovery
prevents the device from being damaged
during fault conditions. Superior click and pop
suppression eliminates audible transients on powerup/
down and during shutdown.




Similar Part No. - LM48310SD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48310SD/NOPB TI1-LM48310SD/NOPB Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results


Similar Description - LM48310SD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com