Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48511SQ/NOPB Datasheet (PDF) - Texas Instruments

LM48511SQ/NOPB Datasheet PDF - Texas Instruments
Part # LM48511SQ/NOPB
Download  LM48511SQ/NOPB Download
File Size   1178.06 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum

LM48511SQ/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48511SQ/NOPB Datasheet PDF - Texas Instruments

Part # LM48511SQ/NOPB
Download  LM48511SQ/NOPB Click to download

File Size   1178.06 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum

LM48511SQ/NOPB Datasheet (HTML) - Texas Instruments


LM48511SQ/NOPB Product details

1 Features
1• 3-W Output into 8 Ω at 5 V With THD+N = 1%
• Selectable spread spectrum mode reduces EMI
• 80% Efficiency
• Independent regulator and amplifier shutdown
controls
• Dynamically Selectable Regulator Output Voltages
• Filterless Class D
• 3-V to 5.5-V Operation
• Low shutdown current
• Click and pop suppression
• Key specifications
– Quiescent power supply current
– VDD = 3 V 9 mA (Typical)
– VDD = 5 V 13.5 mA (Typical)
– PO at VDD = 5 V, PV1 = 7.8 V, RL = 8 Ω,
THD+N = 1% 3 W (Typical)
– PO at VDD = 3 V, PV1 = 4.8 V, RL = 8 Ω,
THD+N = 1% 1 W (Typical)
– PO at VDD = 5 V, PV1 = 7.8 V, RL = 4 Ω,
THD+N = 1% 5.4 W (Typical)
– Shutdown Current at VDD = 3 V, 0.01 μA
(Typical)

2 Applications
• GPS
• Portable media
• Cameras
• Mobile phones
• Handheld games

3 Description
The LM48511 device integrates a boost converter
with a high-efficiency Class D audio power amplifier
to provide 3-W continuous power into an 8-Ω speaker
when operating from a 5-V power supply.
When operating from a 3-V to 4-V power supply, the
LM48511 can be configured to drive 1 to 2.5 W into
an 8-Ω load with less than 1% distortion (THD+N).
The Class D amplifier features a low-noise PWM
architecture that eliminates the output filter, reducing
external component count, board area consumption,
system cost, and simplifying design. A selectable
spread spectrum modulation scheme suppresses RF
emissions, further reducing the need for output filters.
The switching regulator of the LM48511 is a currentmode
boost converter operating at a fixed frequency
of 1 MHz. Two selectable feedback networks allow
the LM48511 regulator to dynamically switch between
two different output voltages, improving efficiency by
optimizing the amplifier’s supply voltage based on
battery voltage and output power requirements.
The LM48511 is designed for use in portable devices,
such as GPS, mobile phones, and MP3 players. The
high, 80% efficiency at 5 V, extends battery life when
compared to Boosted Class AB amplifiers.
Independent regulator and amplifier shutdown
controls optimize power savings by disabling the
regulator when high-output power is not required.
The gain of the LM48511 is set by external resistors,
which allows independent gain control from multiple
sources by summing the signals. Output short circuit
and thermal overload protection prevent the device
from damage during fault conditions. Superior click
and pop suppression eliminates audible transients
during power-up and shutdown.




Similar Part No. - LM48511SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48511SQ/NOPB TI1-LM48511SQ/NOPB Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
More results


Similar Description - LM48511SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
3-W Mono Filterless Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com