Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875 Datasheet (PDF) - Texas Instruments

LM4875 Datasheet PDF - Texas Instruments
Part # LM4875
Download  LM4875 Download
File Size   1217.29 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4875 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch

LM4875 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4875 Datasheet PDF - Texas Instruments

Part # LM4875
Download  LM4875 Click to download

File Size   1217.29 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4875 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch

LM4875 Datasheet (HTML) - Texas Instruments


LM4875 Product details

1FEATURES
2• Precision DC Voltage Volume Control
• Headphone Amplifier Mode
• “Click and Pop” Suppression
• Shutdown Control When Volume Control Pin Is
Low
• Thermal Shutdown Protection

APPLICATIONS
• GSM Phones and Accessories, DECT, Office
Phones
• Hand Held Radio
• Other Portable Audio Devices

KEY SPECIFICATIONS
• PO at 1.0% THD+N Into 8Ω; 750 mW (typ)
• PO at 10% THD+N Into 8Ω; 1 W (typ)
• Shutdown Current; 0.7μA(typ)
• Supply Voltage Range; 2.7V to 5.5 V

DESCRIPTION
The LM4875 is a mono bridged audio power amplifier
with DC voltage volume control. The LM4875 is
capable of delivering 750mW of continuous average
power into an 8Ω load with less than 1% THD when
powered by a 5V power supply. Switching between
bridged speaker mode and headphone (single ended)
mode is accomplished using the headphone sense
pin. To conserve power in portable applications, the
LM4875's micropower shutdown mode (IQ = 0.7μA,
typ) is activated when less than 300mV is applied to
the DC Vol/SD pin.
Boomer audio power amplifiers are designed
specifically to provide high power audio output while
maintaining high fidelity. They require few external
components and operate on low supply voltages.




Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4875 TI-LM4875 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
National Semiconductor ...
LM4875M NSC-LM4875M Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Texas Instruments
LM4875M/NOPB TI-LM4875M/NOPB Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results


Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com