Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4924 Datasheet (PDF) - Texas Instruments

LM4924 Datasheet PDF - Texas Instruments
Part # LM4924
Download  LM4924 Download
File Size   1217.15 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier

LM4924 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4924 Datasheet PDF - Texas Instruments

Part # LM4924
Download  LM4924 Click to download

File Size   1217.15 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier

LM4924 Datasheet (HTML) - Texas Instruments


LM4924 Product details

1FEATURES
23• 2-Cell 1.5V to 3.6V Battery Operation
• OCL Mode for Stereo Headphone Operation
• Unity-Gain Stable
• “Click and Pop” Suppression Circuitry for
Shutdown On and Off Transients
• Active Low Micropower Shutdown
• Thermal Shutdown Protection Circuitry

APPLICATIONS
• Portable Two-Cell Audio Products
• Portable Two-Cell Electronic Devices

KEY SPECIFICATIONS
• OCL Output Power
– (RL = 16Ω, VDD = 3.0V, THD+N = 1%),
40mW (Typ)
• Micropower Shutdown Current, 0.1μA (Typ)
• Supply Voltage Operating Range,
1.5V < VDD < 3.6V
• PSRR 100Hz, VDD = 3.0V, AV = 2.5, 66dB (Typ)

DESCRIPTION
The LM4924 is a Output Capacitor-Less (OCL) stereo
headphone amplifier, which when connected to a
3.0V supply, delivers 40mW per channel to a 16Ω
load with less than 1% THD+N.
With the LM4924 packaged in the VSSOP and SON
packages, the customer benefits include low profile
and small size. These packages minimizes PCB area
and maximizes output power.
The LM4924 features circuitry that reduces output
transients (“clicks” and “pops”) during device turn-on
and turn-off, and Mute On and Off. An externally
controlled, low-power consumption, active-low
shutdown mode is also included in the LM4924.
Boomer audio power amplifiers are designed
specifically to use few external components and
provide high quality output power in a surface mount
packages.




Similar Part No. - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4924MM NSC-LM4924MM Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924MM/NOPB TI1-LM4924MM/NOPB Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4924SD NSC-LM4924SD Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
More results


Similar Description - LM4924

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Texas Instruments
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com