Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4906LDBD Datasheet (PDF) - Texas Instruments

LM4906LDBD Datasheet PDF - Texas Instruments
Part # LM4906LDBD
Download  LM4906LDBD Download
File Size   1208.99 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain

LM4906LDBD Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4906LDBD Datasheet PDF - Texas Instruments

Part # LM4906LDBD
Download  LM4906LDBD Click to download

File Size   1208.99 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain

LM4906LDBD Datasheet (HTML) - Texas Instruments


LM4906LDBD Product details

1FEATURES
2• Selectable Gain of 6dB (2V/V) or 12dB (4V/V)
• No Output or PSRR Bypass Capacitors
Required
• Improved “Click and Pop” Suppression
Circuitry
• Very Fast Turn on Time: 5ms (Typ)
• Minimum External Components
• 2.6 - 5.5V Operation
• BTL Output Can Drive Capacitive Loads
• Ultra Low Current Shutdown Mode (SD Low)

APPLICATIONS
• Portable Computers
• Desktop Computers
• Multimedia Monitors

KEY SPECIFICATIONS
• Improved PSRR at 217Hz for +3V: 71 dB
• Power Output at +5V, THD+N = 1%, 8Ω: 1.0 W
(Typ)
• Power Output at +3V, THD+N = 1%, 8Ω: 390
mW (Typ)
• Total Shutdown Power Supply Current: 0.1μA
(Typ)

DESCRIPTION
The LM4906 is an audio power amplifier primarily
designed for demanding applications in mobile
phones and other portable communication device
applications. It is capable of delivering 1W of
continuous average power to an 8Ω BTL load with
less than 1% distortion (THD+N) from a +5V power
supply.
The LM4906 is the first Texas Instruments Boomer
Power Amplifier that does not require an external
PSRR bypass capacitor. The LM4906 also has an
internal selectable gain of either 6dB or 12dB. In
addition, no output coupling capacitors or bootstrap
capacitors are required which makes the LM4906
ideally suited for cell phone and other low voltage
portable applications.
The LM4906 contains advanced pop and click circuitry that eliminates noise, which would otherwise
occur during turn-on and turn-off transitions.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4906 features a low -power consumption
shutdown mode (the part is enabled by pulling the SD
pin high). Additionally, the LM4906 features an
internal thermal shutdown protection mechanism.




Similar Part No. - LM4906LDBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4906LDBD TI1-LM4906LDBD Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results


Similar Description - LM4906LDBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
1W AUDIO AMPLIFIER WITH MUTE
May-1997
logo
National Semiconductor ...
LM4906 NSC-LM4906 Datasheet
468Kb / 15P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
ON Semiconductor
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
Unisonic Technologies
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
LM4906 TI1-LM4906_14 Datasheet
1Mb / 21P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
logo
Unisonic Technologies
PA3212 UTC-PA3212_15 Datasheet
479Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
LM4906 TI1-LM4906 Datasheet
1Mb / 22P
1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com