Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4928 Datasheet (PDF) - Texas Instruments

LM4928 Datasheet PDF - Texas Instruments
Part # LM4928
Download  LM4928 Download
File Size   1165.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4928 Boomer™ Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low

LM4928 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4928 Datasheet PDF - Texas Instruments

Part # LM4928
Download  LM4928 Click to download

File Size   1165.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4928 Boomer™ Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low

LM4928 Datasheet (HTML) - Texas Instruments


LM4928 Product details

1FEATURES
23• RF Suppression Circuitry
• Fully Differential Amplification
• Available in Space-Saving DSBGA and WSON
Packages
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 100pF
• Improved Pop & Click Circuitry Eliminates
Noises During Turn-On and Turn-Off
Transitions
• 2.4 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices and Accessories

KEY SPECIFICATIONS
• Improved PSRR at 217Hz, 90dB (Typ)
• Output Power at 5.0V @ 1% THD+N (8Ω),
1.2W (Typ)
• Output Power at 3.0V @ 1% THD+N (8Ω),
400mW (Typ)
• Shutdown Current, 0.1μA (Typ)

DESCRIPTION
The LM4928 is an stereo fully differential stereo audio
power amplifier primarily designed for demanding
applications in mobile phones and other portable
communication devices. It is capable of delivering 1.2
watts of continuous average power to a 8Ω load with
less than 1% distortion (THD+N) from a 5VDC power
supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The LM4928 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4928 features a low-power consumption
shutdown mode. To facilitate this, shutdown may be
enabled by logic low. Additionally, the LM4928
features an internal thermal shutdown protection
mechanism.
The LM4928 contains advanced pop & click circuitry which eliminates noises which would otherwise occur
during turn-on and turn-off transitions.




Similar Part No. - LM4928

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928 TI1-LM4928 Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
National Semiconductor ...
LM4928SD NSC-LM4928SD Datasheet
1,004Kb / 20P
1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928SD/NOPB TI1-LM4928SD/NOPB Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4928SDX/NOPB TI1-LM4928SDX/NOPB Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
More results


Similar Description - LM4928

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com