Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4940 Datasheet (PDF) - Texas Instruments

LM4940 Datasheet PDF - Texas Instruments
Part # LM4940
Download  LM4940 Download
File Size   1108.99 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4940 6W Stereo Audio Power Amplifier

LM4940 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4940 Datasheet PDF - Texas Instruments

Part # LM4940
Download  LM4940 Click to download

File Size   1108.99 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4940 6W Stereo Audio Power Amplifier

LM4940 Datasheet (HTML) - Texas Instruments


LM4940 Product details

1FEATURES
23• Click and Pop Circuitry Eliminates Noise
During Turn-On and Turn-Off Transitions
• Low Current, Active-Low Shutdown Mode
• Low Quiescent Current
• Stereo 6W Output, RL = 4Ω
• Short Circuit Protection
• Unity-Gain Stable
• External Gain Configuration Capability

APPLICATIONS
• Flat Panel Monitors
• Flat Panel TVs
• Computer Sound Cards

KEY SPECIFICATIONS
• Quiscent Power Supply Current: 40mA (max)
(SE)
• P OUT V DD = 14.4V, RL = 4Ω, 10% THD+N: 6 W (typ)
• Shutdown Current: 40μA (typ)

DESCRIPTION
The LM4940 is a dual audio power amplifier primarily
designed for demanding applications in flat panel
monitors and TVs. It is capable of delivering 6 watts
per channel to a 4Ω load with less than 10% THD+N
while operating on a 14.4VDC power supply.
Boomer™ audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4940 does not require bootstrap capacitors or
snubber circuits. Therefore, it is ideally suited for
display applications requiring high power and minimal
size.
The LM4940 features a low-power consumption
active-low shutdown mode. Additionally, the LM4940
features an internal thermal shutdown protection
mechanism along with short circuit protection.
The LM4940 contains advanced pop and click
circuitry that eliminates noises which would otherwise occur during turn-on and turn-off transitions.
The LM4940 is a unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4940

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940TSX/NOPB TI1-LM4940TSX/NOPB Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results


Similar Description - LM4940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2007A STMICROELECTRONICS-TDA2007A Datasheet
110Kb / 7P
6 6W STEREO AMPLIFIER
May-1991
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
6W AUDIO POWER AMPLIFIER
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
6W STEREO POWER AMPLIFIER
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2607 ANPEC-APA2607 Datasheet
571Kb / 26P
6W Stereo Class-D Audio Power Amplifier
APA2613 ANPEC-APA2613 Datasheet
473Kb / 25P
6W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com