Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49450 Datasheet (PDF) - Texas Instruments

LM49450 Datasheet PDF - Texas Instruments
Part # LM49450
Download  LM49450 Download
File Size   1187.53 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49450 Boomer ™ I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub- System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense

LM49450 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49450 Datasheet PDF - Texas Instruments

Part # LM49450
Download  LM49450 Click to download

File Size   1187.53 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49450 Boomer ™ I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub- System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense

LM49450 Datasheet (HTML) - Texas Instruments


LM49450 Product details

1FEATURES
23• 24–Bit Stereo DAC
• Stereo Filterless Class D Operation
• Selectable Spread Spectrum Mode Reduces
EMI
• Ground Referenced Headphone Amplifiers
with 100dB SNR
• I2S Compatible Audio Interface
• Audio Sample Rates up to 192kHz
• TI’s 3D Enhancement
• 32-Step Digital Volume Control
• I2C-Compatible Control Interface
• Headphone Sense Input
• Stereo Analog Line Inputs
• Output Short Circuit Protection
• Thermal Overload Protection
• Minimum External Components
• Click and Pop Suppression
• Micro-Power Shutdown
• Available in Space-Saving 32-Pin WQFN
Package

APPLICATIONS
• Portable Media Players
• Portable Navigation Devices
• Multi-Media Monitors
• Laptops
• Portable Gaming Devices
• Mobile Handsets

KEY SPECIFICATIONS
• SNR at Headphone Output: 102dBA (typ)
• Speaker Amplifier Efficiency at 3.6V,
650mW/Channel into 8Ω: 87% (typ)
• Speaker Amplifier Efficiency at 5V,
1.1W/Channel into 8Ω: 80% (typ)
• Quiescent Power Supply Current Line Inputs:
– Speaker Mode at LSVDD = 3.6V: 7.5mA
(typ)
– Headphone Mode at HPVDD = 2.5V: 5.3mA
(typ)
• Output Power/Channel Speaker at LSVDD = 5V:
– RL = 4Ω, THD+N ≤ 10%: 2.5W (typ)
– RL = 8Ω, THD+N ≤ 1%: 1.25W (typ)
• Headphone at HPVDD = 2.5V:
– RL = 16Ω, THD+N ≤ 1%: 34mW (typ)
– RL = 32Ω, THD+N ≤ 1%: 36mW (typ)
• PSRR at 1kHz
– Speaker Mode: 67dB ( typ)
– Headphone Mode: 77dB (typ)
• Shutdown current: 0.02μA (typ)

DESCRIPTION
The LM49450 is a fully integrated audio subsystem designed for portable media player applications. The
LM49450 combines a 24-bit I2S digital-to-analog
converter (DAC), 2.5W/channel stereo Class D
speaker drivers, 36mW stereo ground referenced
headphone drivers, volume control, and TI’s unique
3D sound enhancement into a single device.




Similar Part No. - LM49450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Texas Instruments
LM49450 TI-LM49450 Datasheet
1Mb / 42P
Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49450SQ/NOPB TI-LM49450SQ/NOPB Datasheet
1Mb / 42P
Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49450SQX/NOPB TI-LM49450SQX/NOPB Datasheet
1Mb / 42P
Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49450 TI-LM49450_15 Datasheet
1Mb / 42P
Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
More results


Similar Description - LM49450

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
Ground-Referenced, 95mW Stereo Headphone Amplifier
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49450 TI-LM49450_15 Datasheet
1Mb / 42P
Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com