Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4970 Datasheet (PDF) - Texas Instruments

LM4970 Datasheet PDF - Texas Instruments
Part # LM4970
Download  LM4970 Download
File Size   1150.3 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4970 Audio Synchronized Color LED Driver

LM4970 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4970 Datasheet PDF - Texas Instruments

Part # LM4970
Download  LM4970 Click to download

File Size   1150.3 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4970 Audio Synchronized Color LED Driver

LM4970 Datasheet (HTML) - Texas Instruments


LM4970 Product details

1FEATURES
2• Audio Synchronized Color LED Driver
• User Defined LED Pattern, Color, and Intensity
Capability
• Programmable:
– LED Drive Current
– PWM Frequency
– High Pass Filter Frequency Select
– Audio Input Signal Gain
• Eliminates External LED Current Limiting
Resistors
• I2C Compatible Interface
• Ultra Low Shutdown Current

APPLICATIONS
• Cell Phones
• Portable MP3, CD, DVD, AAC players
• PDA's

KEY SPECIFICATIONS
• LED Drive Current per Channel (VDD = 5V):
42mA (2X Setting)
• Shutdown Current, VDD = 5V: 1.5μA (Typ)

DESCRIPTION
The LM4970 is a LED driver with an audio
synchronization mode that virtually eliminates the
need for real time software processing for LED
lighting effects. The LM4970 includes three individual
PWM color LED drivers that provide up to 42mA of
current drive for each PWM LED output.
The LM4970 features an audio synchronization mode
where the audio input signal that is mixed in from
three audio inputs is filtered into three frequency
bands, with each frequency band assigned to a
specific PWM LED driver.
The PWM LED drivers can also be directly
programmed through an I2C compatible interface for
applications where user defined LED pattern, color,
and intensity programmability is a priority.
The LM4970 also features an audio input gain control
which allows the user to increase the gain if the audio
input signal does not create a bright enough effect on
the LEDs. The LM4970 is a feature rich LED driver
that is available in a space saving 14 pin nonpullback
WSON package.




Similar Part No. - LM4970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
Audio Synchronized Color LED Driver
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LM4970SD/NOPB TI1-LM4970SD/NOPB Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
More results


Similar Description - LM4970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
Audio Synchronized Color LED Driver
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
Intelligent three-color LED driver
logo
National Semiconductor ...
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
Color LED Driver with Audio Synchronizer
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
AUDIO MODULATED LED DRIVER
logo
Texas Instruments
LM4970 TI1-LM4970 Datasheet
1Mb / 19P
Audio Synchronized Color LED Driver
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
Color LED Driver with Audio Synchronizer
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
6-Channel Color LED Driver with Audio Synchronization
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
Non-Synchronized White LED Driver Evaluation Board
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
Color Temperature Switch LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com