Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5000 Datasheet (PDF) - Texas Instruments

LM5000 Datasheet PDF - Texas Instruments
Part # LM5000
Download  LM5000 Download
File Size   1075.1 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5000 High Voltage Switch Mode Regulator

LM5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5000 Datasheet PDF - Texas Instruments

Part # LM5000
Download  LM5000 Click to download

File Size   1075.1 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5000 High Voltage Switch Mode Regulator

LM5000 Datasheet (HTML) - Texas Instruments


LM5000 Product details

1FEATURES
2• 80V Internal Switch
• Operating Input Voltage Range of 3.1V to 40V
• Pin Selectable Operating Frequency
– 300kHz/700kHz (-3)
– 600kHz/1.3MHz (-6)
• Adjustable Output Voltage
• External Compensation
• Input Undervoltage Lockout
• Softstart
• Current Limit
• Over Temperature Protection
• External Shutdown
• Small 16-Lead TSSOP or 16-Lead WSON
Package

APPLICATIONS
• Flyback Regulator
• Forward Regulator
• Boost Regulator
• DSL Modems
• Distributed Power Converters

DESCRIPTION
The LM5000 is a monolithic integrated circuit
specifically designed and optimized for flyback, boost
or forward power converter applications. The internal
power switch is rated for a maximum of 80V, with a
current limit set to 2A. Protecting the power switch
are current limit and thermal shutdown circuits. The current mode control scheme provides excellent
rejection of line transients and cycle-by-cycle current
limiting. An external compensation pin and the built-in
slope compensation allow the user to optimize the
frequency compensation. Other distinctive features
include softstart to reduce stresses during start-up
and an external shutdown pin for remote ON/OFF
control. There are two operating frequency ranges
available. The LM5000-3 is pin selectable for either
300kHz (FS Grounded) or 700kHz (FS Open). The
LM5000-6 is pin selectable for either 600kHz (FS
Grounded) or 1.3MHz (FS Open). The device is
available in a low profile 16-lead TSSOP package or
a thermally enhanced 16-lead WSON package.




Similar Part No. - LM5000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI1-LM5000 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5000-3MTC NSC-LM5000-3MTC Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
More results


Similar Description - LM5000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
High Voltage Switch Mode Regulator
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
High Voltage Switch Mode Regulator
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
High-Voltage Switch-Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
High Voltage Switch Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com