Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035C Datasheet (PDF) - Texas Instruments

LM5035C Datasheet PDF - Texas Instruments
Part # LM5035C
Download  LM5035C Download
File Size   1209.64 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers

LM5035C Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5035C Datasheet PDF - Texas Instruments

Part # LM5035C
Download  LM5035C Click to download

File Size   1209.64 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers

LM5035C Datasheet (HTML) - Texas Instruments


LM5035C Product details

1 Features
• 105-V and 2-A Half-Bridge Gate Drivers
• Synchronous Rectifier Control Outputs With
Programmable Delays
• Reduced Dead Time Between High and Low-Side
Drive for Higher Maximum Duty Cycle.
• High Voltage (105 V) Start-Up Regulator
• Voltage Mode Control With Line Feedforward and
Volt Second Limiting
• Resistor Programmed, 2-MHz Capable Oscillator
• Programmable Line Undervoltage Lockout and
Overvoltage Protection
• Internal Thermal Shutdown Protection
• Adjustable Soft Start
• Versatile Dual Mode Overcurrent Protection With
Hiccup Delay Timer
• Cycle-by-Cycle Overcurrent Protection
• Direct Opto-coupler Interface
• Logic Level Synchronous Rectifier Drives
• 5-V Reference Output
• Packages:
– HTSSOP-20 (Thermally Enhanced)
– WQFN-24 (4mm × 5mm)

2 Applications
• Industrial Power Converters
• Telecom Power Converters

3 Description
The LM5035C half-bridge controller and gate driver
contains all of the features necessary to implement
half-bridge topology power converters using voltage
mode control with line voltage feedforward.
The LM5035C is a functional variant of the LM5035B
half-bridge PWM controller. The amplitude of the SR1
and SR2 waveforms are 5 V instead of the VCC level.
Also, the soft-stop function is disabled in the
LM5035C.
The LM5035, LM5035A, LM5035B, and LM5035C
include a floating high-side gate driver, which is
capable of operating with supply voltages up to
105 V. Both the high-side and low-side gate drivers
are capable of 2-A peak. An internal high-voltage
start-up regulator is included, along with
programmable line undervoltage lockout (UVLO) and
overvoltage protection (OVP). The oscillator is
programmed with a single resistor to frequencies up
to 2 MHz. The oscillator can also be synchronized to
an external clock. A current sense input and a
programmable timer provide cycle-by-cycle current
limit and adjustable hiccup mode overload protection.
The differences between LM5035, LM5035A,
LM5035B, and LM5035C are summarized in the
Device Comparison Table.




Similar Part No. - LM5035C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
343Kb / 14P
Input operating range: 36V to 75V Output voltage: 3.3V
logo
Texas Instruments
LM5035C TI2-LM5035C Datasheet
933Kb / 37P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
REVISED APRIL 2013
logo
National Semiconductor ...
LM5035CMH NSC-LM5035CMH Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035CMH/NOPB TI-LM5035CMH/NOPB Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Similar Description - LM5035C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com