Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5045 Datasheet (PDF) - Texas Instruments

LM5045 Datasheet PDF - Texas Instruments
Part # LM5045
Download  LM5045 Download
File Size   1180.87 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers

LM5045 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5045 Datasheet PDF - Texas Instruments

Part # LM5045
Download  LM5045 Click to download

File Size   1180.87 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5045 Full-Bridge PWM Controller With Integrated MOSFET Drivers

LM5045 Datasheet (HTML) - Texas Instruments


LM5045 Product details

1 Features
1• Highest Integration Controller for Small Form
Factor, High-Density Power Converters
• High-Voltage Start-Up Regulator
• Intelligent Sync Rectifier Start-Up Allows Linear
Turnon Into Prebiased Loads
• Synchronous Rectifiers Disabled in UVLO mode highand
Hiccup Mode
• Two Independent, Programmable Synchronous
Rectifier Dead-Time Adjustments
• Four High-Current 2-A Bridge Gate Drivers
• Wide-Bandwidth Optocoupler Interface
• Configurable for Either Current Mode or Voltage
Mode Control
• Dual-Mode Overcurrent Protection soft•
Resistor Programmed 2-MHz Oscillator
• Programmable Line UVLO and OVP

2 Applications
• E-Bike
• Military: Radar and Electronic Warfare
• Power: Telecom DC-DC Module: Analog
• Private Branch Exchange (PBX)
• Solar Power Inverters
• Vector Signal Generators
• Microwave Ovens
• Point-to-Point Microwave Backhaul
• Power: Telecom/Server AC/DC Supply: Dual
Controller: Analog
• Solar Micro-Inverters
• TETRA Base Stations
• Washing Machine: Low-End

3 Description
The LM5045 PWM controller contains all of the
features necessary to implement full-bridge topology
power converters using either current mode or
voltage mode control. This device is intended to
operate on the primary side of an isolated DC-DC
converter with input voltage up to 100 V. This highly
integrated controller-driver provides dual 2-A highand
side and low-side gate drivers for the four external bridge MOSFETs plus control signals for the
secondary-side synchronous rectifier MOSFETs.
External resistors program the leading and trailing
edge dead-time between the main and synchronous
rectifier control signals. Intelligent start-up of the
synchronous rectifiers allows monotonic turnon of the
power converter even with prebias load conditions.
Additional features include cycle-by-cycle current
limiting, hiccup mode restart, programmable soft•
start, synchronous rectifier soft-start, and a 2-MHz
capable oscillator with synchronization capability and
thermal shutdown.




Similar Part No. - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
logo
Texas Instruments
LM5045 TI-LM5045 Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 46P
Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Similar Description - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com