Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5046 Datasheet (PDF) - Texas Instruments

LM5046 Datasheet PDF - Texas Instruments
Part # LM5046
Download  LM5046 Download
File Size   1203.07 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers

LM5046 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5046 Datasheet PDF - Texas Instruments

Part # LM5046
Download  LM5046 Click to download

File Size   1203.07 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers

LM5046 Datasheet (HTML) - Texas Instruments


LM5046 Product details

1 Features
1• Highest Integration Controller for Small Form
Factor, High-Density Power Converters
• High-Voltage Start-Up Regulator
• Intelligent Sync Rectifier Start-Up Allows Linear
Turn-on into Prebiased Loads
• Synchronous Rectifiers Disabled in UVLO Mode
and Hiccup Mode
• Two Independent, Programmable Dead-Time
Adjustments to Enable Zero-Volt Switching
• Four High-Current 2-A Bridge Gate Drivers
• Wide-Bandwidth Opto-Coupler Interface
• Configurable for Either Current Mode or Voltage
Mode Control
• Dual-Mode Overcurrent Protection
• Resistor Programmed 2-MHz Oscillator
• Programmable Line UVLO and OVP

2 Applications
• E-Bike
• Military: Radar/Electronic Warfare
• Power: Telecom DC/DC Module: Analog
• Private Branch Exchange (PBX)
• Solar Power Inverters
• Vector Signal Generator
• Microwave Oven
• Point-to-Point Microwave Backhaul
• Power: Telecom/Server AC/DC Supply: Dual
Controller: Analog
• Solar Micro-Inverter
• TETRA Base Station
• Washing Machine: Low-End

3 Description
The LM5046 PWM controller contains all of the
features necessary to implement a phase-shifted fullbridge
topology power converter using either current
mode or voltage mode control. This device is
intended to operate on the primary side of an isolated
DC-DC converter with input voltage up to 100 V. This
highly integrated controller-driver provides dual 2-A
high- and low-side gate drivers for the four external bridge MOSFETs, plus control signals for the
secondary-side synchronous rectifier MOSFETs.
External resistors program the dead-time to enable
zero-volt switching of the primary FETs. Intelligent
startup of the synchronous rectifiers allows monotonic
turnon of the power converter even with prebias load
conditions. Additional features include cycle-by-cycle
current limiting, hiccup mode restart, programmable
soft-start, synchronous rectifier soft-start, and a 2-
MHz capable oscillator with synchronization capability
and thermal shutdown.




Similar Part No. - LM5046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
Based Eighth Brick Reference Board Input operating range: 36V to 75V
LM5046 NSC-LM5046 Datasheet
3Mb / 14P
Input operating range: 36V to 75V Line UVLO (34V/32V on/off)
logo
Texas Instruments
LM5046 TI1-LM5046 Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Similar Description - LM5046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
Phase-Shifted Full-Bridge Controller With Synchronous Rectification
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
Phase-Shifted Full-Bridge Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com