Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109A Datasheet (PDF) - Texas Instruments

LM5109A Datasheet PDF - Texas Instruments
Part # LM5109A
Download  LM5109A Download
File Size   1223.54 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109A High Voltage 1A Peak Half Bridge Gate Driver

LM5109A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5109A Datasheet PDF - Texas Instruments

Part # LM5109A
Download  LM5109A Click to download

File Size   1223.54 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109A High Voltage 1A Peak Half Bridge Gate Driver

LM5109A Datasheet (HTML) - Texas Instruments


LM5109A Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• 1A peak Output Current (1.0A Sink / 1.0A Source)
• Independent TTL Compatible Inputs
• Bootstrap Supply Voltage to 108V DC
• Fast Propagation Times (30 ns Typical)
• Drives 1000 pF Load with 15ns Rise and Fall
Times
• Excellent Propagation Delay Matching (2 ns
Typical)
• Supply Rail Under-Voltage Lockout
• Low Power Consumption
• Pin Compatible with ISL6700
• Industry Standard SOIC-8 and Thermally
Enhanced WSON-8 Package

2 Applications
• Current Fed Push-Pull Converters
• Half and Full Bridge Power Converters
• Solid State Motor Drives
• Two Switch Forward Power Converters

3 Description
The LM5109A is a cost effective, high voltage gate
driver designed to drive both the high-side and the
low-side N-Channel MOSFETs in a synchronous
buck or a half bridge configuration. The floating highside
driver is capable of working with rail voltages up
to 90V. The outputs are independently controlled with
TTL compatible input thresholds. The robust level
shift technology operates at high speed while
consuming low power and providing clean level
transitions from the control input logic to the high-side
gate driver. Under-voltage lockout is provided on both
the low-side and the high-side power rails. The
device is available in the SOIC and the thermally
enhanced WSON packages.




Similar Part No. - LM5109A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI-LM5109A Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109AMA NSC-LM5109AMA Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
More results


Similar Description - LM5109A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
LM5109B High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
High Voltage 1-A Peak Half Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
High Voltage 1-A Peak Half-Bridge Gate Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com