Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109B Datasheet (PDF) - Texas Instruments

LM5109B Datasheet PDF - Texas Instruments
Part # LM5109B
Download  LM5109B Download
File Size   1207.68 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109B High Voltage 1-A Peak Half-Bridge Gate Driver

LM5109B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5109B Datasheet PDF - Texas Instruments

Part # LM5109B
Download  LM5109B Click to download

File Size   1207.68 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5109B High Voltage 1-A Peak Half-Bridge Gate Driver

LM5109B Datasheet (HTML) - Texas Instruments


LM5109B Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• 1-A Peak Output Current (1.0-A Sink and 1.0-A
Source)
• Inputs Compatible With Independent TTL and
CMOS
• Bootstrap Supply Voltage to 108-V DC
• Fast Propagation Times (30 ns Typical)
• Drives 1000-pF Load With 15-ns Rise and Fall
Times
• Excellent Propagation Delay Matching (2 ns
Typical)
• Supply Rail Undervoltage Lockout
• Low Power Consumption
• 8-Pin SOIC and Thermally-Enhanced 8-Pin
WSON Package

2 Applications
• Current-Fed, Push-Pull Converters
• Half- and Full-Bridge Power Converters
• Solid-State Motor Drives
• Two-Switch Forward Power Converters

3 Description
The LM5109B device is a cost-effective, high-voltage
gate driver designed to drive both the high-side and
the low-side N-channel MOSFETs in a synchronous
buck or a half-bridge configuration. The floating
high-side driver is capable of working with rail
voltages up to 90 V. The outputs are independently
controlled with cost-effective TTL and
CMOS-compatible input thresholds. The robust level shift technology operates at high speed while
consuming low power and providing clean level
transitions from the control input logic to the high-side
gate driver. Undervoltage lockout is provided on both
the low-side and the high-side power rails. The
device is available in the 8-pin SOIC and thermally- enhanced 8-pin WSON packages.




Similar Part No. - LM5109B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
High Voltage 1-A Peak Half-Bridge Gate Driver
LM5109B TI2-LM5109B Datasheet
970Kb / 24P
LM5109B-Q1 High Voltage 1-A Peak Half Bridge Gate Driver
REVISED DECEMBER 2015
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
High Voltage 1-A Peak Half Bridge Gate Driver
LM5109B-Q1 TI2-LM5109B-Q1 Datasheet
970Kb / 24P
LM5109B-Q1 High Voltage 1-A Peak Half Bridge Gate Driver
REVISED DECEMBER 2015
More results


Similar Description - LM5109B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
LM5109B High Voltage 1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
High Voltage 1-A Peak Half Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
High Voltage 1-A Peak Half-Bridge Gate Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com