Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8207 Datasheet (PDF) - Texas Instruments

LM8207 Datasheet PDF - Texas Instruments
Part # LM8207
Download  LM8207 Download
File Size   1209.22 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference

LM8207 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8207 Datasheet PDF - Texas Instruments

Part # LM8207
Download  LM8207 Click to download

File Size   1209.22 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference

LM8207 Datasheet (HTML) - Texas Instruments


LM8207 Product details

1FEATURES
2• Gamma Buffers 1-2 Swing to VDD
• Gamma Buffers 17-18 Swing to VSS
• Large Output Current VCOM Driver
(ISC = 300 mA)
• Stable (1%) Internal 1.295V Reference, to
Improve Picture Quality and Reduce Variations
• 48-pin TSSOP Package

APPLICATIONS
• TFT Gamma Curve Connection and V COM Voltage Buffering

DESCRIPTION
The LM8207 is a combination of 18-channel gamma
buffers, a VCOM driver and a temperature
compensated internal voltage reference. It is
designed for buffering voltage levels and driving high
capacitive loads in large TFT panels. The gamma
buffers are individually optimized to the input/output
requirements of their respective gamma position to
cover the whole voltage range from rail to rail. Any
desired gamma correction curve can be obtained by
combining the gamma buffers with external resistors.
The VCOM driver has a high output current capability
and is stable with large capacitive loads, typical for
large panel sizes. This will result in a fast recovery
time for large voltage variations at the output. The
internal band gap reference can be used to form a
highly stable voltage to generate the gamma
correction voltages. In combination with the internal
amplifier, the reference voltage can be programmed
to voltages up to the positive rail. The LM8207 is
offered in a 48-pin TSSOP package.




Similar Part No. - LM8207

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
National Semiconductor ...
LM8207MT NSC-LM8207MT Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207MT/NOPB TI1-LM8207MT/NOPB Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
National Semiconductor ...
LM8207MTX NSC-LM8207MTX Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results


Similar Description - LM8207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
Dual VCOM Amplifier & Gamma Reference Buffer
July 26, 2004
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
February 28, 2006
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
May 4, 2007
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com