Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8801 Datasheet (PDF) - Texas Instruments

LM8801 Datasheet PDF - Texas Instruments
Part # LM8801
Download  LM8801 Download
File Size   1223.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications

LM8801 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8801 Datasheet PDF - Texas Instruments

Part # LM8801
Download  LM8801 Click to download

File Size   1223.87 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications

LM8801 Datasheet (HTML) - Texas Instruments


LM8801 Product details

1FEATURES
2• Over 90% Efficiency at 6 MHz Operation
• 600 mA Maximum Load Capability
• 6 MHz PWM Fixed Switching Frequency (typ.)
• 27 μA (typ.) Quiescent Current in PFM Mode
• Wide Input Voltage Range: 2.3V to 5.5V
• VOUT = 1.0V to 2.9V with 50 mV steps
• ±1.5% DC Output Voltage Precision Over
Temperature
• Best-in-Class Load Transient Response
• Low Output Ripple in PFM Mode
• Automatic PFM/PWM Mode Switching
• Current Overload and Thermal Shutdown
Protection
• Internal Soft-Start
• 6-bump DSBGA Package fixed–
(1.065 x 1.265 , 0.6 mm or 0.25 mm height)
• Total Solution Size < 7mm2 (works with 0402
capacitors)
• UVLO

APPLICATIONS
• Mobile Phones
• MP3 players
• Wireless LAN
• PDAs, Pocket PCs
• Portable Hard Disk Drives

DESCRIPTION
The LM8801 step-down DC-DC converter is
optimized for powering ultra-low voltage circuits from
a single Li-Ion cell and input voltage rails from 2.3V to
5.5V. It provides up to 600 mA load current over the
entire input voltage range.
The LM8801 has a mode-control pin that allows the
user to select continuous PWM operation over the
complete load range or an auto PFM-PWM mode that
changes modes automatically depending on the load.
During PWM mode, the device operates at a fixed–
frequency of 6 MHz (typ.). In Auto PFM-PWM mode,
hysteretic PFM extends the battery life through
reduction of the quiescent current during light loads
and system standby.
The LM8801 is available in a 6-bump DSBGA
package. Only three compact external surface-mount
components, an inductor and two capacitors, are
required.




Similar Part No. - LM8801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8801 NSC-LM8801 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Texas Instruments
LM8801 TI-LM8801 Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
LM8801TME-1.2/NOPB TI-LM8801TME-1.2/NOPB Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
National Semiconductor ...
LM8801TME-1.82 NSC-LM8801TME-1.82 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Texas Instruments
LM8801TME-1.82/NOPB TI-LM8801TME-1.82/NOPB Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
More results


Similar Description - LM8801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
National Semiconductor ...
LM8801 NSC-LM8801 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
LM8801 TI1-LM8801_14 Datasheet
1Mb / 24P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
LM8801 TI-LM8801_15 Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com