Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM95231 Datasheet (PDF) - Texas Instruments

LM95231 Datasheet PDF - Texas Instruments
Part # LM95231
Download  LM95231 Download
File Size   1157.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95231CIMMX/NOPB LM95231BIMM-1/NOPB LM95231CIMM-1/NOPB LM95231CIMM-2/NOPB LM95231CIMMX/NOPB.A LM95231CIMM-2/NOPB.A LM95231CIMM-1/NOPB.A LM95231BIMM-1/NOPB.A

LM95231 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM95231 Datasheet PDF - Texas Instruments

Part # LM95231
Download  LM95231 Click to download

File Size   1157.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM95231CIMMX/NOPB LM95231BIMM-1/NOPB LM95231CIMM-1/NOPB LM95231CIMM-2/NOPB LM95231CIMMX/NOPB.A LM95231CIMM-2/NOPB.A LM95231CIMM-1/NOPB.A LM95231BIMM-1/NOPB.A

LM95231 Datasheet (HTML) - Texas Instruments


LM95231 Product details

1 Features
• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Uses TruTherm Technology for Precision “Thermal
Diode” Temperature Measurement
• Thermal Diode Input Stage with Analog Filtering
• Thermal Diode Digital Filtering
• Intel Pentium 4 Processor on 90nm Process or
2N3904 Non-ideality Selection
• Remote Diode Fault Detection
• On-board Local Temperature Sensing
• Remote Temperature Readings Without Digital
Filtering:
– 0.125°C LSb
– 10-bits Plus Sign or 11-bits Programmable
Resolution
– 11-bits Resolves Temperatures Above
127 °C
• Remote Temperature Readings with Digital
Filtering:
– 0.03125°C LSb with Filtering
– 12-bits Plus Sign or 13-bits Programmable
Resolution
– 13-bits Resolves Temperatures Above
127°C
• Local Temperature Readings:
– 0.25°C
– 9-bits Plus Sign
• Status Register Support
• Programmable Conversion Rate Allows User
Optimization of Power Consumption
• Shutdown Mode One-shot Conversion Control
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-pin VSSOP Package
• Key Specifications:
– Remote Temperature Accuracy ±0.75°C (max)
– Local Temperature Accuracy ±3.0°C (max)
– Supply Voltage 3.0V to 3.6V
– Supply Current 402μA (typ)

2 Applications
• Processor/Computer System Thermal
Management
– e.g. Laptop, Desktop, Workstations, Server)
• Electronic Test Equipment
• Office Electronics

3 Description
The LM95231 is a precision dual remote diode
temperature sensor (RDTS) that uses Texas
Instruments' TruTherm technology. The 2-wire serial
interface of the LM95231 is compatible with SMBus
2.0. The LM95231 can sense three temperature
zones, it can measure the temperature of its own
die as well as two diode connected transistors.
The LM95231 includes digital filtering and an
advanced input stage that includes analog filtering
and TruTherm technology that reduces processor-toprocessor
non-ideality spread. The diode connected
transistors can be a “thermal diode” as found in
Intel and AMD processors or can simply be a
diode connected MMBT3904 transistor. TruTherm
technology allows accurate measurement of “thermal
diodes” found on small geometry processes, 90nm
and below. The LM95231 supports user selectable
thermal diode non-ideality of either a Pentium 4
processor on 90nm process or 2N3904.
The LM95231 resolution format for remote
temperature readings can be programmed to be
11-bits signed or unsigned with the digital filtering
disabled. When the filtering is enabled the resolution
increases to 13-bits signed or unsigned. In the
unsigned mode the LM95231 remote diode readings
can resolve temperatures above 127°C. Local
temperature readings have a resolution of 9-bits plus
sign.




Similar Part No. - LM95231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95231 NSC-LM95231 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231 Datasheet
1Mb / 30P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Similar Description - LM95231

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
logo
Micrel Semiconductor
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1:2
SY89473U MICREL-SY89473U_10 Datasheet
528Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2
logo
Texas Instruments
LM1086IT-5.0-NOPB TI1-LM1086IT-5.0-NOPB Datasheet
2Mb / 24P
LM1086IT-5.0-NOPB
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
List of Unclassifed Man...
BACB30 ETC2-BACB30 Datasheet
885Kb / 2P
Fastener Length: 1-1/2
logo
PHOENIX CONTACT
2955276 PHOENIX-2955276 Datasheet
67Kb / 2P
Module - UM-HOZ 462/1-1-1-1-2-2/W120
2955331 PHOENIX-2955331 Datasheet
67Kb / 2P
Module - UM-HOZ 462/1-1-1-1-2-2/G 24
2955438 PHOENIX-2955438 Datasheet
72Kb / 2P
Module - UM-HOZ 462/1-1-1-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com