Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC8101 Datasheet (PDF) - Texas Instruments

LMC8101 Datasheet PDF - Texas Instruments
Part # LMC8101
Download  LMC8101 Download
File Size   1103.97 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown

LMC8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC8101 Datasheet PDF - Texas Instruments

Part # LMC8101
Download  LMC8101 Click to download

File Size   1103.97 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC8101 Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown

LMC8101 Datasheet (HTML) - Texas Instruments


LMC8101 Product details

1FEATURES
2• VS = 2.7V, TA = 25°C, RL to V+/2, Typical Values
Unless Specified.
• Rail-to-Rail Inputs
• Rail-to-Rail Output Swing Within 35mV of
Supplies (RL =2kΩ)
• Packages Offered:
– DSBGA package 1.39mm x 1.41mm
– VSSOP package 3.0mm x 4.9mm
• Low Supply Current <1mA (max)
• Shutdown Current 1μA (Max)
• Versatile Shutdown Feature 10μs Turn-On
• Output Short Circuit Current 10mA
• Offset Voltage ±5 mV (max)
• Gain-Bandwidth 1MHz
• Supply Voltage Range 2.7V-10V
• THD 0.18%
• Voltage Noise 36nv/√Hz

APPLICATIONS
• Portable Communication (Voice, Data)
• Cellular Phone Power Amp Control Loop
• Buffer AMP
• Active Filters
• Battery Sense
• VCO Loop

DESCRIPTION
The LMC8101 is a Rail-to-Rail Input and Output high
performance CMOS operational amplifier. The
LMC8101 is ideal for low voltage (2.7V to 10V)
applications requiring Rail-to-Rail inputs and output.
The LMC8101 is supplied in the die sized DSBGA as
well as the 8 pin VSSOP packages. The DSBGA
package requires 75% less board space as compared
to the SOT-23 package. The LMC8101 is an upgrade
to the industry standard LMC7101.
The LMC8101 incorporates a simple user controlled
methodology for shutdown. This allows ease of use
while reducing the total supply current to 1nA typical.
This extends battery life where power saving is
mandated. The shutdown input threshold can be set
relative to either V+ or V− using the SL pin (see
Application Notes section for details).
Other enhancements include improved offset voltage
limit, three times the output current drive and lower
1/f noise when compared to the industry standard
LMC7101 Op Amp. This makes the LMC8101 ideal
for use in many battery powered, wireless
communication and Industrial applications.




Similar Part No. - LMC8101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101 NSC-LMC8101 Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
National Semiconductor ...
LMC8101BP NSC-LMC8101BP Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BP NSC-LMC8101BP Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BPX NSC-LMC8101BPX Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
More results


Similar Description - LMC8101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101 NSC-LMC8101 Datasheet
709Kb / 15P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Linear Technology
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
National Semiconductor ...
LMC8101TP NSC-LMC8101TP Datasheet
755Kb / 19P
Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Linear Technology
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
Low Distortion Rail-to-Rail Output Op Amp with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com