Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMD18245 Datasheet (PDF) - Texas Instruments

LMD18245 Datasheet PDF - Texas Instruments
Part # LMD18245
Download  LMD18245 Download
File Size   1104.95 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMD18245 3A, 55V DMOS Full-Bridge Motor Driver

LMD18245 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMD18245 Datasheet PDF - Texas Instruments

Part # LMD18245
Download  LMD18245 Click to download

File Size   1104.95 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMD18245 3A, 55V DMOS Full-Bridge Motor Driver

LMD18245 Datasheet (HTML) - Texas Instruments


LMD18245 Product details

1FEATURES
2• DMOS Power Stage Rated at 55V and 3A
Continuous
• Low RDS(ON) of Typically 0.3Ω per Power
Switch
• Internal Clamp Diodes
• Low-loss Current Sensing Method
• Digital or Analog Control of Motor Current
• TTL and CMOS Compatible Inputs
• Thermal Shutdown (Outputs Off) at TJ = 155°C
• Overcurrent Protection
• No Shoot-Through Currents
• 15-lead Package

APPLICATIONS
• Full, Half and Microstep Stepper Motor Drives
• Stepper Motor and Brushed DC Motor Servo
Drives
• Automated Factory, Medical and Office
Equipment

DESCRIPTION
The LMD18245 full-bridge power amplifier
incorporates all the circuit blocks required to drive
and control current in a brushed type DC motor or
one phase of a bipolar stepper motor. The multi-
technology process used to build the device
combines bipolar and CMOS control and protection
circuitry with DMOS power switches on the same
monolithic structure. The LMD18245 controls the
motor current via a fixed off-time chopper technique.
An all DMOS H-bridge power stage delivers
continuous output currents up to 3A (6A peak) at
supply voltages up to 55V. The DMOS power
switches feature low RDS(ON) for high efficiency, and a
diode intrinsic to the DMOS body structure eliminates
the discrete diodes typically required to clamp bipolar
power stages.
An innovative current sensing method eliminates the
power loss associated with a sense resistor in series
with the motor. A four-bit digital-to-analog converter
(DAC) provides a digital path for controlling the motor
current, and, by extension, simplifies implementation of full, half and microstep stepper motor drives. For
higher resolution applications, an external DAC can
be used.




Similar Part No. - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
National Semiconductor ...
LMD18245T NSC-LMD18245T Datasheet
647Kb / 18P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245T TI1-LMD18245T Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
More results


Similar Description - LMD18245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
DMOS Full-Bridge Motor Driver
November 4, 2005
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
DMOS Full-Bridge Motor Driver
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
DMOS Full-Bridge Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com