Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1980 Datasheet (PDF) - Texas Instruments

LMH1980 Datasheet PDF - Texas Instruments
Part # LMH1980
Download  LMH1980 Download
File Size   1121.53 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator

LMH1980 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH1980 Datasheet PDF - Texas Instruments

Part # LMH1980
Download  LMH1980 Click to download

File Size   1121.53 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator

LMH1980 Datasheet (HTML) - Texas Instruments


LMH1980 Product details

1FEATURES
2• Analog Video Sync Separation for NTSC, PAL,
480I/P, 576I/P, 720P, 1080I/P/PsF, and Many
VESA-Compatible Timing Formats
• Composite Video (CVBS), S-Video (Y/C), and
Component Video (YPBPR/GBR) and PC
Graphics (RGsB) Interfaces
• SD/PC Bi-Level Sync & HD Tri-Level Sync
Compatible
• Composite, Horizontal, and Vertical Sync
Outputs
• Burst/Back Porch Timing, Odd/Even Field, and
HD Detect Flag outputs
• Automatic Video Format Detection
• Fixed-Level Sync Slicing for Video Inputs from
0.5 to 2 V PP
• 3.3V to 5V Supply Operation

APPLICATIONS
• Consumer, Professional, Automotive &
Industrial Video
• Video Capture, Editing, and Processing
• Genlock Circuits
• Surveillance & Security Video Systems
• Set-Top Boxes (STB) & Digital Video
Recorders (DVR)
• LCD / Plasma Displays and Video Projectors
• Machine Vision and Inspection Systems
• Video Trigger Oscilloscopes and Waveform
Monitors

DESCRIPTION
The LMH1980 is an auto-detecting SD/HD/PC video
sync separator ideal for use in a wide range of video
applications, such as automotive LCD monitors, video
capture & editing devices, surveillance & security
equipment, and machine vision and inspection
systems.
The LMH1980 accepts an analog video input signal
with either bi-level or tri-level sync and automatically
detects the video format, eliminating the need for
external RSET resistor adjustment required by other
sync separators (e.g.: LM1881). The outputs provide
timing signals in CMOS logic, including Composite, Horizontal, and Vertical Syncs, Burst/Back Porch
Timing, and Odd/Even Field outputs. The HD flag
output (pin 5) provides a logic low signal only when a
valid HD video input with tri-level sync is detected.
The HD flag can be used to disable an external
switch-controlled SD chroma filter when HD video is
detected, or enable it when SD video is detected. For
non-standard video with bi-level sync and without
vertical serration pulses, a default vertical sync pulse
will be output and no horizontal sync pulses will be
output during the vertical sync interval.
The LMH1980 is available in a space-saving 10-lead
Mini-SO Package (VSSOP) and operates over a
temperature range of −40°C to +85°C.




Similar Part No. - LMH1980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980 TI-LMH1980 Datasheet
1Mb / 22P
LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
National Semiconductor ...
LMH1980MM NSC-LMH1980MM Datasheet
746Kb / 14P
Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
More results


Similar Description - LMH1980

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
Auto-Adjusting Sync Separator for HD and SD Video
August 9, 2006
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
Auto-Detecting SD/HD/PC Video Sync Separator
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885_07 Datasheet
361Kb / 13P
Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
Auto-Adjusting Sync Separator for HD and SD Video
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
Auto-Adjusting Sync Separator for HD and SD Video
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com